Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 14 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 14 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 10Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 11Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 12Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 13Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 14Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 15Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 16Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 17Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 18Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
TEK.COM 15
4200A-SCS Parameter Analyzer
Specifications
All specifications are guaranteed unless noted otherwise. All specifications apply to all models unless noted otherwise.
1. Source Measure Units
4200-SMU and 4201-SMU
Medium Power
4210-SMU and 4211-SMU
High Power
Optional 4200-PA
Remote Preamplifier
Current, maximum
100 mA
1 A
Extends low current measure
range of all SMUs
Voltage, maximum
210 V
210 V
Power
2.1 W
21 W
General Information
Four-quadrant source/sink operation
A/D converter on every SMU
Full remote sense capability
Log and linear measurement sweeps
4200A-SCS mainframe can accept up to nine medium or high power SMU instruments
Output Connectors
Three mini-triaxial (f) on each SMU for Force, Sense and Sense Lo
One custom, 15-pin, D-Sub (f) for connection to 4200-PA
Optional Accessory
4200-PA remote preamplifier module
Equivalent Instruments
Field installable SMUs (4200-SMU-R, 4201-SMU-R, 4210-SMU-R, and 4211-SMU-R) have equivalent
specifications to their non-field installable counterparts
SMU Current Specifications 4
Current
Range 1
Max.
Voltage
Measure
Source
Resolution 3
Accuracy
±(% rdg + amps)
Resolution 3
Accuracy
±(% rdg + amps)
4210-SMU
High Power
SMU and
4211-SMU
High Power
SMU 2
1 A
21 V
1 µA
0.100% + 200 µA
50 µA
0.100% + 350 µA
100 mA
210 V
100 nA
0.045% + 3 µA
5 µA
0.050% + 15 µA
4200-SMU
Medium
Power SMU
and
4201-SMU
Medium
Power SMU 2
100 mA
21 V
100 nA
0.045% + 3 µA
5 µA
0.050% + 15 µA
10 mA
210 V
10 nA
0.037% + 300 nA
500 nA
0.042% + 1.5 µA
1 mA
210 V
1 nA
0.035% + 30 nA
50 nA
0.040% + 150 nA
100 µA
210 V
100 pA
0.033% + 3 nA
5 nA
0.038% + 15 nA
10 µA
210 V
10 pA
0.050% + 600 pA
500 pA
0.060% + 1.5 nA
1 µA
210 V
1 pA
0.050% + 100 pA
50 pA
0.060% + 200 pA
100 nA
210 V
100 fA
0.050% + 30 pA
5 pA
0.060% + 30 pA
42XX-SMU with optional
4200-PA Preamp
10 nA
210 V
10 fA
0.050% + 1 pA
500 fA
0.060% + 3 pA
1 nA
210 V
1 fA
0.050% + 100 fA
50 fA
0.060% + 300 fA
100 pA
210 V
300 aA
0.100% + 30 fA
15 fA
0.100% + 80 fA
10 pA
210 V
100 aA
0.500% + 15 fA
5 fA
0.500% + 50 fA
1 pA
210 V
10 aA
1.000% + 10 fA
1.5 fA
1.000% + 40 fA
Voltage Compliance: Bipolar limits set with a single value between full scale and 10% of selected voltage range.
Notes
1. All ranges extend to 105% of full scale.
2. Specifications apply on these ranges with or without a 4200-PA.
3. Display resolution is limited by fundamental noise limits. Measured resolution is 6½ digits on each range. Source resolution is 4½ digits on each range.
4. The measurement and source accuracy are specified at the termination of the supplied cables.
• 23°C ±5°C, within 1 year of calibration, RH between 5% and 60%, after 30 minutes of warmup.
• Speed set to NORMAL.
• Guarded Kelvin connection.
• ±1°C and 24 hours from ACAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com