Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 19 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 19 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 15Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 16Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 17Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 18Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 19Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 20Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 21Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 22Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 23Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Datasheet
TEK.COM
20
Measurement Accuracy 4
Example of C/G Measurement Accuracy
Frequency
Measured Capacitance
C Accuracy 1
G Accuracy 1, 2
10 MHz 3
1 pF
±0.92%
±590 nS
10 pF
±0.32%
±1.8 µS
100 pF
±0.29%
±17 µS
1 nF
±0.35%
±99 µS
1 MHz
1 pF
±1.17%
±64 nS
10 pF
±0.19%
±65 nS
100 pF
±0.10%
±610 nS
1 nF
±0.09%
±4 µS
100 kHz
10 pF
±0.31%
±28 nS
100 pF
±0.18%
±59 nS
1 nF
±0.10%
±450 nS
10 nF
±0.10%
±3 µS
10 kHz
100 pF
±0.31%
±15 nS
1 nF
±0.15%
±66 nS
10 nF
±0.08%
±450 nS
100 nF
±0.10%
±3 µS
1 kHz
1 nF
±0.82%
±40 nS
10 nF
±0.40%
±120 nS
100 nF
±0.10%
±500 nS
1 µF
±0.15%
±10 µS
Notes
1. The capacitance and conductance measurement accuracy is specified under the following conditions: D
X < 0.1.
2. Conductance accuracy is specified as the maximum conductance measured on the referenced capacitor.
3. These specs are typical, non-warranted, apply at 23°C, and are provided solely as useful information.
4. Integration time: 1 s or 10 s below 10 kHz. Test signal level: 30 mV rms. At the rear panel of the 4210-CVU.
All specifications apply at 23°C ±5°C, within one year of calibration, RH between 5% and 60%, after 30 minutes of warmup.
CVU Supplemental Cable Specification 3
These specifications are typical, non-warranted, apply at 23°C, and are provided solely as useful information.
4210-CVU Typical C Accuracy with 1.5m Cables (supplemental)
Measured Capacitance
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
1 pF
N/A
±8.38%
±1.95%
±0.43%
N/A
10 pF
N/A
±0.94%
±0.21%
±0.18%
±1%
100 pF
N/A
±0.29%
±0.20%
±0.15%
±1%
1 nF
±0.72%
±0.17%
±0.12%
±0.16%
±2%
10 nF
±0.28%
±0.12%
±0.13%
±0.55%
N/A
100 nF
±0.12%
±0.13%
±0.22%
±1.14%
N/A
1 µF
±0.17%
±0.21%
N/A
N/A
N/A
4210-CVU Typical C Accuracy with 3m Cables (supplemental)
Measured Capacitance
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
1 pF
N/A
±8.5 %
±2.05%
±0.57%
N/A
10 pF
N/A
±0.96%
±0.23%
±0.21%
N/A
100 pF
N/A
±0.29%
±0.20%
±0.17%
N/A
1 nF
±0.72%
±0.17%
±0.12%
±0.18%
N/A
10 nF
±0.28%
±0.12%
±0.13%
±0.65%
N/A
100 nF
±0.12%
±0.13%
±0.22%
±1.16%
N/A
1 µF
±0.17%
±0.21%
N/A
N/A
N/A
Notes
1. The capacitance and conductance measurement accuracy is specified under the following conditions: D
X < 0.1.
2. Conductance accuracy is specified as the maximum conductance measured on the referenced capacitor.
3. These specs are typical, non-warranted, apply at 23°C, and are provided solely as useful information.
4. Integration time: 1 s or 10 s below 10 kHz. Test signal level: 30 mV rms. At the rear panel of the 4210-CVU.
All specifications apply at 23°C ±5°C, within one year of calibration, RH between 5% and 60%, after 30 minutes of warmup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com