Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 25 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 25 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 21Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 22Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 23Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 24Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 25Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 26Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 27Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 28Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 29Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Datasheet
TEK.COM
26
PMU Pulse Timing
10 V Range
Source Only
10 V Range
with Measure
40 V Range
Source Only
40 V Range
with Measure
Frequency range
1 Hz to 50 MHz
1 Hz to 8.3 MHz
1 Hz to 10 MHz
1 Hz to 3.5 MHz
Timing resolution
10 ns
10 ns
10 ns
10 ns
RMS jitter (period, width), typical
0.01% + 200 ps
0.01% + 200 ps
0.01% + 200 ps
0.01% + 200 ps
Period range
20 ns to 1 s
120 ns to 1 s
100 ns to 1s
280 ns to 1s
Accuracy
±1%
±1%
±1%
±1%
Pulse width range
10 ns to (Period–10 ns)
60 ns to (Period–10 ns)
50 ns to (Period–10 ns)
140 ns to (Period–10 ns)
Accuracy
±(1% + 200 ps)
±(1% + 200 ps)
±(1% + 5 ns)
±(1% + 5 ns)
Programmable transition time
(0%–100%)
10 ns to 33 ms
20 ns to 33 ms
30 ns to 33 ms 1
100 ns to 33 ms
Transition slew rate accuracy
±1%
(transitions > 100 ns)
±1%
(transitions > 100 ns)
±1%
(transitions > 1 µs)
±1%
(transitions > 100 ns)
Solid state relay open/close time
25 µs
25 µs
25 µs
25 µs
Notes
1. 40 V range minimum programmable transition time (source only) is 30 ns for voltage <10 V and 100 ns for voltages >10 V.
Voltage Source, Best Performance
When the 4225-PMU is used as a voltage source only (no measurements of voltage or current), the timing performance is improved. The following
is provided to offer a clearer idea of best performance when used as a voltage source, as achievable under optimal conditions. This should not be
interpreted as a guarantee.
10V Range
40V Range
Rise time
<10 ns
50 ns to 10 V, 100 ns to 40 V
Pulse width
10 ns (FWHM)
50 ns (FWHM)
Period
20 ns
100 ns
Overshoot/preshoot/ringing
±(2% + 20 mV)
±(0.5% + 40 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com