Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 24 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 24 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 20Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 21Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 22Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 23Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 24Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 25Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 26Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 27Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 28Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
TEK.COM 25
4200A-SCS Parameter Analyzer
Voltage and Current, Maximum 1
Resistance 2
10V Range
40V Range
Maximum V 2
Maximum I 2
Maximum V 2
Maximum I 2
1 Ω
0.196 V
196 mA
0.784 V
784 mA
5 Ω
0.909 V
182 mA
3.64 V
727 mA
10 Ω
1.67 V
167 mA
6.67 V
667 mA
25 Ω
3.33 V
133 mA
13.3 V
533 mA
50 Ω
5.00 V
100 mA
20.0 V
400 mA
100 Ω
6.67 V
66.7 mA
26.7 V
267 mA
250 Ω
8.33 V
33.3 mA
33.3 V
133 mA
1 kΩ
9.52 V
9.5 mA
38.1 V
38.1 mA
10 kΩ
9.95 V
995 μA
39.8 V
3.98 mA
Notes
1. To calculate the approximate maximum current and voltage for any resistance
I
MAX = V range/(50 Ω + Resistance)
V
MAX = IMAX · Resistance
where Resistance is the total resistance connected to the PMU or PGU channel and V range is either 10 or 40.
Example: 10 V range using R = 10 Ω (for DUT + interconnect)
V
MAX = IMAX · R = 0.167 · 10 = 1.67 V
2. Typical maximum at pulse output connector. Resistance is the total resistance connected to the pulse output connector, including device
and interconnect.
I
I
V
V
10
9
8
7
6
5
4
3
2
1
0
1
100
10000
DUT Resistance (
Ω)
10V Range: Max. Output vs. DUT Resistance
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
I
I
V
V
40
35
30
25
20
15
10
5
0
1
100
10000
DUT Resistance (
Ω)
40V Range: Max. Output vs. DUT Resistance
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
PMU Pulse/Level 1,2
10 V Range
40 V Range
V
OUT
50 Ω into 1 MΩ
–10 V to +10 V
–40 V to +40 V
50 Ω into 50 Ω
–5 V to +5 V
–20 V to +20 V
Accuracy
±(0.5% + 10 mV)
±(0.2% + 20 mV)
Resolution
50 Ω into 50 Ω
<250 µV
<750 µV
50 Ω into 1 MΩ
<0.05 mV
<1.5 mV
Overshoot/pre-shoot/ringing 3
50 Ω into 50 Ω
±(3% + 20 mV)
±(3% + 80 mV)
50 Ω into 50 Ω, typical best case
±(2% + 20 mV)
±(0.8% + 40 mV)
Baseline noise
±(0.3% + 1 mV) RMS typical
±(0.1% + 5 mV) RMS typical
Source impedance
50 Ω nominal
50 Ω nominal
Current into 50Ω load (at full scale)
±100 mA typical
±400 mA typical
Short circuit current
±200 mA
±800 mA
Output limit
Programmable limit to protect the device under test
Notes
1. Unless stated otherwise, all specifications assume a 50 Ω termination.
2. Level specifications are valid after 50 ns typical settling time (after slewing) for the 10 V source range and after 500 ns typical settling time (after slewing) for the 40 V source range into a 50 Ω load.
3. With transition time of 20 ns (0%–100%) for the 10 V source range and 100 ns (0% to 100%) for the 40 V source range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com