Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 8 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 8 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 4Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 5Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 6Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 7Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 8Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 9Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 10Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 11Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 12Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
TEK.COM
9
4200A-SCS Parameter Analyzer
Very-low Frequency C-V Technique with SMUs
The 4200A-SCS offers the unique ability to perform 
very-low frequency capacitance-voltage measurements
without an LCR meter or capacitance module. Low
frequency C-V measurements are used to characterize
the slow trapping and de-trapping phenomenon in some
materials.
Very low frequency C-V measurements with SMUs and preamps.
The 4200A-SCS uses a new narrow-band technique
that takes advantage of the low current measurement
capability of the integrated SMU instruments to perform
C-V measurements at specified low frequencies in the
range of 10 mHz to 10 Hz. This approach uses the
4200A-SCS’s SMUs with preamplifiers; no additional
hardware or software is required.
Local Switching Options
To accommodate switching between I-V and other
measurement types, the 4200A-SCS offers several
options for switching easily between measurement types:
• 4200A-CVIV Multi-Switch Module – up to four
channels that effortlessly switch between I-V and C-V
measurements. In addition, the C-V measurements can
be moved around the device under test without lifting
the prober needles or changing the test setup.
• 4225-RPM Remote Preamplifier/Switch Module acts
as a multiplexer switch that automatically switches
between precision DC SMUs, C-V, and the ultra-fast
pulsed I-V instruments. In addition, the RPM extends
the low current measurement capability of the 4225-
PMU Ultra-fast Pulsed I-V Instrument Module.
3. Capacitance-Voltage Unit (CVU)
Capacitance-voltage (C-V) measurements are often used
to characterize a MOSFET’s gate oxide thickness, oxide
defect density, doping profiles, etc. In this measurement,
as the gate voltage varies, the capacitance of the
gate to the drain and source changes. Capacitance
measurements are typically made using an AC technique.
The multi-frequency C-V instrument module measures AC
impedance by applying a DC bias voltage and sourcing an
AC voltage across the device under test (DUT) and then
measuring the resultant AC current and phase angle.
AC Measurements from 1 kHz – 10 MHz
The 4210-CVU instrument module performs multi-
frequency capacitance measurements from femtofarads
(f F) to microfarads (μF) at test frequencies from 1 kHz to
10 MHz and while providing a DC bias voltage of up to
±30 V or 60 V differential.
Capacitance-Voltage sweeps.
With up to 4096 measurement points, the CVU instrument
can be used to measure capacitance vs. voltage (C-V),
capacitance vs. frequency (C-f) and capacitance vs. time
(C-t) to extract many important parameters such as:
• Doping profiles
• T
OX
• Carrier lifetime tests
• Junction, pin-to-pin, and interconnect capacitance
measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com