Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 32 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 32 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 28Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 29Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 30Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 31Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 32Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 33Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 34Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 35Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 36Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
TEK.COM 33
4200A-SCS Parameter Analyzer
Low Current/Local Sense Configuration (4200-LC-LS-XX)
The Low Current/Local Sense switch configuration is built using the Keithley 7072 Semiconductor Matrix Card, which is designed for semiconductor
applications requiring good quality I-V and C-V signals. The configuration provides eight instrument inputs with up to 72 output pins with less than 1
pA offset current.
General Information (4200-LC-LS-XX)
Connector Type
3-lug triax
Maximum Signal Level
200 V, 1 A
Offset Current
<1 pA (Rows A to B)
Maximum Leakage
0.1 pA/V
3 dB Bandwidth
5 MHz typical (Rows G to H)
4200-LC-LS-12/B (or -12/707B)
(1) 708B (or 707B) Switch Mainframe
(1) 7072 Matrix Switch Card
(12) 4200-TRX-3 Cable
(1) 7007-1 IEEE-488 Cable
(2) 7078-TRX-BNC Adapter
4200-LC-LS-24/B, -36/B, -48/B, -60/B, -72/B
(1) 707B Switch Mainframe
(1) 7072 Matrix Switch Card for each 12 pins
(12) 4200-TRX-3 Cable for each 12 pins
(1) 7007-1 IEEE-488 Cable
(2) 7078-TRX-BNC Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com