Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 29 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 29 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 25Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 26Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 27Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 28Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 29Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 30Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 31Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 32Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 33Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Datasheet
TEK.COM
30
7. Remote Preamplifier/Switch Module
The 4225-RPM enables automatic switching between I-V, C-V and Pulsed I-V
measurements, allowing you to choose the appropriate measurement without
recabling your test setup. Additionally, the RPM expands the range of the 4225-PMU
Pulse Measure Module.
4225-RPM General Information
Inputs
Three inputs. SMU Force, SMU Sense, CVU Pot, CVU Cur, RPM Control
Outputs
One channel
Input connector
Triaxial (f), two
SMA (f), two
HDMI
Output connector
Triaxial (f), two
Dimensions
1.34 in. wide × 4.9 in. deep × 3.0 in. tall (3.4 cm wide × 12.5 cm deep × 7.6 cm tall)
Dimensions with base
1.34 in. wide × 4.9 in. deep × 3.8 in. tall (3.4 cm wide × 12.5 cm deep × 9.6 cm tall)
Weight
8.6 oz. (245 g) (with base: 13.4 oz. (381 g))
Optional Accessories
Magnetic base
Vacuum base
RPM Current Measurement
Timing parameters, typical 1 with the 4225-PMU and 4225-RPM Remote Preamplifier/Switch Module
10V Range
Current measure ranges
100 nA
1 µA
10 µA
100 µA
1 mA
10 mA
Recommended
minimum pulse width 2
134 µs
20.4 µs
8.36 µs
1.04 µs
370 ns
160 ns
Recommended
minimum
measure window 2
10 µs
1.64 µs
1 µs
130 ns
40 ns
20 ns
Recommended
minimum
transition time 3
1 µs
360 ns
360 ns
40 ns
30 ns
20 ns
Noise 4
200 pA
2 nA
5 nA
50 nA
300 nA
1.5 µA
Settling time 5
100 µs
15 µs
6 µs
750 ns
250 ns
100 ns
Notes
1. All typical values measured with an open circuit.
2. Using default measure window of 75% to 90% of pulse top. Recommended minimum pulse width = (Settling Time) / 75%.
3. Recommended rise/fall time to minimize overshoot.
4. RMS noise measured over the Recommended Minimum Measure Window for the given voltage or current range, typical.
5. Time necessary for the signal to settle to the DC accuracy level. (Example: 10 mA settling time on the PMU 10 V range is defined when the
signal is within 1.25% of the final value. This calculation: Accuracy = 0.25% + 100 µA = 0.25% + (100 µA/10 mA) = 0.25% + 1% = 1.25%).
Current Measurement Accuracy
4225-PMU and RPM Combined
10 V Range
Current measure ranges
100 nA
1 µA
10 µA
100 µA
1 mA
10 mA
Accuracy (DC)
±(0.5% + 1 nA)
±(0.5% + 1 nA)
±(0.5% + 30 nA) ±(0.5% + 100 nA)
±(0.5% + 1 µA)
±(0.5% +10 µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com