Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 27 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 27 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 23Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 24Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 25Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 26Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 27Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 28Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 29Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 30Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 31Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Datasheet
TEK.COM
28
6. Pulse Generator Unit
The two-channel, voltage-only pulse generator is an economical alternative to the 4225-PMU Ultra-fast Pulse Measure Unit if pulse
measurement
is not needed.
4220-PGU General Information
Output connectors
Four SMA (f)
Supplied cables
SMA (m) to SMA (m), 2 m, 4 each (CA-404B)
SMA (m) to SSMC 4-cable, 15 cm (6 in.), 2 each (4200-PRB-C)
Pulse/Level 1, 2
10V Range
40V Range
V
OUT
50 Ω into 1 MΩ
–10 V to +10 V
–40 V to +40 V
50 Ω into 50 Ω
–5 V to +5 V
–20 V to +20 V
Accuracy
±(0.5% + 10 mV)
±(0.2% + 20 mV)
Resolution
50 Ω into 50 Ω
<250 µV
<750 µV
50 Ω into 1 MΩ
<0.5 mV
<1.5 mV
Overshoot/pre-shoot/ringing 3
50 Ω into 50 Ω
±(3% + 20 mV)
±(3% + 80 mV)
50 Ω into 50 Ω, typical best case
±(2% + 20 mV)
±(0.8% + 40 mV)
Baseline noise
±(0.3% + 1 mV) RMS typical
±(0.1% + 5 mV) RMS typical
Source impedance
50 Ω nominal
50 Ω nominal
Current into 50 Ω load
(at full scale)
±100 mA typical
±400 mA typical
Short circuit current
±200 mA
±800 mA
Output limit
Programmable limit to protect the device under test
Notes
1. Unless stated otherwise, all specifications assume a 50 Ω termination.
2. Level specifications are valid after 50 ns typical settling time (after slewing) for the 10 V source range and after 500 ns typical settling time (after slewing) for the 40 V source range into a 50 Ω load.
3. With transition time of 20 ns (0%–100%) for the 10 V source range and 100 ns (0%–100%) for the 40 V source range.
Pulse Timing
10 V Range
Source Only
40 V Range
Source Only
Frequency range
1 Hz to 50 MHz
1 Hz to 10 MHz
Timing resolution
10 ns
10 ns
RMS jitter (period, width), typical
0.01% + 200 ps
0.01% + 200 ps
Period range
20 ns to 1 s
100 ns to 1s
Accuracy
±1%
±1%
Pulse width range
10 ns to (Period–10 ns)
50 ns to (Period–10 ns)
Accuracy
±(1% + 200 ps)
±(1% + 5 ns)
Programmable transition time
(0%–100%)
10 ns to 33 ms
30 ns to 33 ms 1
Transition slew rate accuracy
±1%
(transitions > 100 ns)
±1%
(transitions > 1 µs)
Solid state relay open/close time
25 µs
25 µs
Notes
1. 40 V range minimum programmable transition time (source only) is 30 ns for voltage <10 V and 100 ns for voltages >10 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com