Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 11 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 11 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 7Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 8Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 9Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 10Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 11Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 12Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 13Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 14Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 15Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Datasheet
TEK.COM
12
5. Switching Solutions
Tie it all together with your choice of high speed,
high integrity switching solutions from Keithley.
4200A-CVIV Multi-Switch
One of the most difficult problems associated
with integrating various measurements into device
characterization is that the cabling required for each
measurement type is fundamentally different.
4200A-CVIV Multi-Switch.
Matching cabling to the measurement type enhances
measurement integrity. However, changing cables for
each measurement type is so time-consuming many
users simply tolerate the sub-optimal results. Moreover,
whenever cables are rearranged, users run the risk of
reconnecting them improperly, thereby causing errors and
demanding extra troubleshooting time. Worse still, these
errors may go unnoticed for a long time.
One alternative is to use a remote switch capable of
handling I-V and C-V signals, such as the Keithley
4200A-CVIV Multi-Switch.
The new 4200A-CVIV Multi-Switch automatically switches
between I-V and C-V measurements. In addition, C-V
measurements can be moved to any output channel
without re-cabling. This four-channel switch allows the
user to maintain the same impedance during the I-V and
C-V tests by keeping the probe needles on the wafer test
site. Additionally, the test setup and cables don’t need to
be changed to enhance the measurement.
The built-in display provides exceptional, clear test
information where you need it, near the device under test.
• View real-time test status
• Personalize output naming convention via
Clarius software
• Rubber bumpers allow 2-way orientation
on probe station
• Ability to rotate text allows user to orient the
module as needed
• Turn off display to reduce light near DUT
4225-RPM Remote Preamplifier/Switch Module
For some devices, multiple types of electrical
measurements are required, such as pulsed I-V, DC I-V,
and C-V tests. This usually requires an external switch
matrix capable of switching the various types of signals
to the device under test. However, the optional 4225-
RPM Remote Preamplifier/Switch Module allows for
switching automati cally between DC I-V, C-V, and pulsed
I-V measurements, greatly simplfying the connections to
the device.
4225-RPM Remote Preamplifier/Switch Module.
4200A-CVIV Multi-Switch connection schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com