Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 40 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 40 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 36Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 37Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 38Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 39Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 40Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 41Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 42Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 43Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 44Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
TEK.COM 41
4200A-SCS Parameter Analyzer
CA-451A
SMA to SMA Coaxial Cable, 10.8 cm
CA-452A
SMA to SMA Coaxial Cable, 20.4 cm
236-ILC-3
Safety Interlock Cable, 3 m
237-ALG-2
Low Noise Triax Input Cable terminated with 3 alligator clips, 2 m
4210-MMPC-C
Multi-Measurement (I-V, C-V, Pulse) Prober Cable Kit for Cascade Microtech 12000 prober series
4210-MMPC-S
Multi-Measurement (I-V, C-V, Pulse) Prober Cable Kit for SUSS MicroTec PA200/300 prober series
4210-MMPC-L
Multi-Measurement (I-V, C-V, Pulse) Prober Cable Kit for Lucas Signatone probers
4210-MMPC-W
Multi-Measurement (I-V, C-V, Pulse) Prober Cable Kit for Wentworth Laboratories probers
4200-MTRX-*
Ultra Low Noise SMU Triax Cable: 1 m, 2 m, and 3 m options
4200-PRB-C
SMA to SSMC Y Cable with local ground
4200-RPC-*
Remote Preamp Cable: 0.3m, 2 m, 3 m, 6 m options
4200-TRX-*
Ultra Low Noise Preamp Triax Cable: 0.3 m, 0.75 m, 2 m, 3 m options
7007-1
Double-Shielded Premium GPIB Cable, 1 m
7007-2
Double-Shielded Premium GPIB Cable, 2 m
Adapter, Cable, and Stabilizer Kits
4200-CVU-PWR
CVU Power Package for ±200 V C-V
4200-CVU-PROBER-KIT
Accessory Kit for connection to popular analytical probers
4200-PMU-PROBER-KIT
General Purpose Cable/Connector Kit. For connecting the 4225-PMU to most triax and coax probe
stations. One kit required per 4225-PMU module.
Remote Preamp Mounting Accessories
4200-MAG-BASE
Magnetic Base for mounting 4200-PA on a probe platen
4200-TMB
Triaxial Mounting Bracket for mounting 4200-PA on a triaxial mounting panel
4200-VAC-BASE
Vacuum Base for mounting 4200-PA on a prober platen
Software
ACS-BASIC
Component Characterization Software
Drivers
4200ICCAP-6.0
IC-CAP Driver and Source Code for 4200A-SCS: UNIX/Windows (shareware only)
Other Accessories
EM-50A
Modified Power Splitter
TL-24
SMA Torque Wrench
4200-CART
Roll-Around Cart for 4200A-SCS
4200A-CASE
Transport Case for 4200A-SCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com