Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 44 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 44 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 37Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 38Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 39Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 40Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 41Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 42Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 43Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 44Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 45Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
TEK.COM 45
4200A-SCS Parameter Analyzer
16. Upgrading the 4200A-SCS Parameter Analyzer
Besides adding instrument modules to your parameter analyzer, there are other upgrade options available to keep your parameter analyzer
up-to-date with the latest technologies and applications tests.
4200A-MF-UP
This upgrade service will convert any 4200-SCS mainframe to the 4200A-SCS widescreen mainframe with
Clarius+ software. Any instrument modules in the 4200-SCS will be moved to the 4200A-SCS mainframe
and the system will receive a factory calibration and a one year warranty on the mainframe.
4200A-IFC
Required installation and factory calibration service when any instrument module is added to the
4200A-SCS mainframe. Only one 4200A-IFC is required per instrument module upgrade order.
Not required when ordering the 4200A-MF-UP.
4200A-WIN10-UP
This service ugrades the embedded operating system of the 4200A-SCS Parameterr Analyzer to
Microsoft® Windows® 10.
17. Warranty Information
Warranty Summary
This section summarizes the warranties of the 4200A-SCS. Any portion of the product that is not manufactured
by Keithley is not covered by this warranty and Keithley will have no duty to enforce any other manufacturer’s
warranties.
Hardware Warranty
Keithley Instruments warrants the Keithley manufactured portion of the hardware for a period of one year
from defects in materials or workmanship; provided that such defect has not been caused by use of the
Keithley hardware which is not in accordance with the hardware instructions. The warranty does not apply
upon any modification of Keithley hardware made by the customer or operation of the hardware outside the
environmental specifications.
Software Warranty
Keithley warrants for the Keithley produced portion of the software or firmware will conform in all material
respects with the published specifications for a period of ninety (90) days; provided the software is used on
the product for which it is intended in accordance with the software instructions. Keithley does not warrant
that operation of the software will be uninterrupted or error-free, or that the software will be adequate for the
customer’s intended application. The warranty does not apply upon any modification of the software made by
the customer.
18. Embedded Computer Policy
CAUTION: If you install software that is not part of the standard application software for the 4200A-SCS, the non-standard software may be removed
if the instrument is sent in for service. Back up the applications and any data related to them before sending the instrument in for service.
CAUTION: Do not reinstall or upgrade the Microsoft® Windows® operating system (OS) on any 4200A-SCS. This action should only be performed
at an authorized Keithley Instruments service facility. Violation of this precaution will void the 4200A-SCS warranty and may render the 4200A-SCS
unusable. Any attempt to reinstall or upgrade the operating system (other than a Windows service pack update) will require a return-to-factory repair
and will be treated as an out-of-warranty service, including time and material charges.
Although you must not attempt to reinstall or upgrade the operating system, you can restore the hard drive image (complete with the operating
system) using the Acronis True Image OEM software tool, included with the 4200A-SCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com