Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 33 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 33 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 29Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 30Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 31Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 32Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 33Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 34Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 35Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 36Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 37Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Datasheet
TEK.COM
34
9. NBTI/PBTI Package
The 4200-BTI-A package combines advanced DC I-V and ultra-fast I-V measurement capabilities of Keithley with automatic test executive
software to provide the most advanced NBTI/PBTI test platform available in the semiconductor test industry.
4200-BTI-A Ultra-fast NBTI/PBTI
The 4200-BTI-A package includes all the instruments, interconnects, and software needed to make the most sophisticated NBTI and PBTI
measurements on leading-edge silicon CMOS technology.
Model 4200-BTI-A
Offers the best high-speed, low-current measurement sensitivity available in a single-box integrated solution.
Ensures that source/measure instrumentation will not be the limiting factor when making low-level
measurements.
The ACS software, which is provided in the package, supports building complex test sequences, including
up to 20 measurement sequences and full prober integration. It also:
• Easily integrates DC I-V and ultra-fast I-V measurements into a pre- and post-stress
measurement sequence.
• Characterizes degradation and recovery behaviors using either AC or DC stress.
• Incorporates single pulse charge trapping (SPCT) measurements into longer stress-measure
sequences.
4200-BTI-A Ultra-fast NBTI/PBTI includes:
(1) 4225-PMU Ultra-Fast I-V Module
(2) 4225-RPM Remote Preamplifier/Switch Modules
Automated Characterization Suite (ACS) Software
Ultra-Fast BTI Test Project Module
Cabling
SMU1
SMU5
SMU6
SMU7
SMU8
SMU2
SMU3
SMU4
Example of using eight SMUs to stress 20 devices in parallel for HCI and NBTI. A separate ground unit (GNDU) is used for common terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com