Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 22 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 22 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 18Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 19Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 20Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 21Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 22Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 23Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 24Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 25Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 26Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
TEK.COM 23
4200A-SCS Parameter Analyzer
5. Ultra-fast Pulse Measure Unit
The two-channel 4225-PMU provides the combination of ultra-fast voltage waveform generation with fast simultaneous voltage and
current measurements.
4225-PMU General Information
Output connectors
Four SMA (f) and two HDMI
Suppled cables
SMA (m) to SMA (m), 2 m, 4 each (CA-404B)
SMA to SSMC Y-cable, 15 cm (6 in.), 2 each (4200-PRB-C)
Optional accessory
4225-RPM single-channel, remote preamplifier/switch module
PMU Current Measurement
Timing parameters, typical 1 with or without the 4225-RPM Remote Preamplifier/Switch Module
10 V Range
40 V Range
Current measure ranges
10 mA
200 mA
800 mA
Recommended minimum
pulse width 2
160 ns
70 ns
770 ns
Recommended minimum
measure window 2
20 ns
20 ns
100 ns
Recommended minimum
transition time 3
20 ns
20 ns
100 ns
Noise 4
15 µA
50 µA
200 µA
Settling time 5
100 ns
30 ns
500 ns
Notes
1. All typical values measured with an open circuit.
2. Using default measure window of 75% to 90% of pulse top. Recommended minimum pulse width = (Settling Time) / 75%.
3. Recommended rise/fall time to minimize overshoot.
4. RMS noise measured over the Recommended Minimum Measure Window for the given voltage or current range, typical.
5. Time necessary for the signal to settle to the DC accuracy level. (Example: 10 mA settling time on the PMU 10 V range is defined when the
signal is within 1.25% of the final value. This calculation: Accuracy = 0.25% + 100 µA = 0.25% + (100 µA/10 mA) = 0.25% + 1% = 1.25%).
6. 10 mA noise specification is different if RPM is used. See table below
Timing parameters, typical 1 with the 4225-RPM Remote Preamplifier/Switch Module
10V Range
40 V Range
Current measure ranges
100 nA
1 µA
10 µA
100 µA
1 mA
10 mA 6
100 µA
10 mA
Recommended minimum
pulse width 2
134 µs
20.4 µs
8.36 µs
1.04 µs
370 ns
160 ns
6.4 µs
770 ns
Recommended minimum
measure window 2
10 µs
1.64 µs
1 µs
130 ns
40 ns
20 ns
1 µs
100 ns
Recommended minimum
transition time 3
1 µs
360 ns
360 ns
40 ns
30 ns
20 ns
1 µs
100 ns
Noise 4
200 pA
2 nA
5 nA
50 nA
300 nA
1.5 µA
75 nA
5 µA
Settling time 5
100 µs
15 µs
6 µs
750 ns
250 ns
100 ns
4 µs
500 ns
Notes
1. All typical values measured with an open circuit.
2. Using default measure window of 75% to 90% of pulse top. Recommended minimum pulse width = (Settling Time) / 75%.
3. Recommended rise/fall time to minimize overshoot.
4. RMS noise measured over the Recommended Minimum Measure Window for the given voltage or current range, typical.
5. Time necessary for the signal to settle to the DC accuracy level. (Example: 10 mA settling time on the PMU 10 V range is defined when the
signal is within 1.25% of the final value. This calculation: Accuracy = 0.25% + 100 µA = 0.25% + (100 µA/10 mA) = 0.25% + 1% = 1.25%).
6. 10 mA noise specification is different without RPM. See table above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com