Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 31 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 31 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 27Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 28Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 29Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 30Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 31Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 32Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 33Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 34Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 35Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
8. Switch Matrix Configurations
Ultra-Low Current/Local Sense Configuration (4200-UL-LS-XX)
The Ultra-Low Current/Local Sense switch configuration is built using the Keithley 7174A Low Current Matrix Card (with the 707B or 708B Switch
Matrix), which is designed for semiconductor research, development, and production applications requiring high quality, high performance switching
of I-V and C-V signals. This configuration provides eight instrument inputs with up to 72 output pins at only 10 fA typical offset current.
General Information (4200-UL-LS-XX)
Connector Type
3-lug triax
Maximum Signal Level
200 V, 2 A
Offset Current
100 fA max, 10 fA typical
Maximum Leakage
0.01 pA/V
3 dB Bandwidth
30 MHz typical
4200-UL-LS-12/B (or -12/707B)
(1) 708B (or 707B) Switch Mainframe
(1) 7174A Switch Card
(12) 4200-TRX-3 Cable for each 12 pins
(1) 7007-1 IEEE-488 Cable
(2) 7078-TRX-BNC Adapter
4200-UL-LS-24B, -36B, -48B, -60B, -72B
(1) 707B Switch Mainframe
(1) 7174A Switch Card for each 12 pins
(12) 4200-TRX-3 Cable for each 12 pins
(1) 7007-1 IEEE-488 Cable
(2) 7078-TRX-BNC Adapter
707B Six-slot Semiconductor Switch Matrix Mainframe
708B Single-slot Semiconductor Switch Matrix Mainframe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com