Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 10 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 10 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 6Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 7Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 8Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 9Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 10Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 11Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 12Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 13Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 14Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
TEK.COM 11
4200A-SCS Parameter Analyzer
4. Ultra-fast Pulse Measure Unit (PMU)
Ultra-fast I-V sourcing and measuring have become
increasingly important capabilities for many technologies,
including compound semiconductors, medium power
devices, non-volatile memory, MEMS devices and more.
The 4225-PMU instrument card integrates ultra-
fast voltage waveform generation and signal observation
capabilities into the already-powerful 4200A-SCS
test environment to deliver unprecedented I-V testing
performance, expanding the system’s materials, device,
and process characterization dramatically. It replaces
traditional pulse/measure hardware configurations, which
typically included an external pulse generator, a multi-
channel oscilloscope, specially designed interconnect
hardware, and integrated software.
Minimize self-heating effects with ultra-fast pulsed I-V.
Each module has two independent channels. Each
channel can measure both voltage and current
simultaneously with parallel 14-bit A/D converters
with deep memory, allowing up to one million samples
at 5 ns per sample (200 MS/s).
Three Operating Modes for Complete
Characterization
The 4225-PMU can be used to perform three types
of ultra-fast I-V tests: pulsed I-V, transient I-V, and
pulsed sourcing.
Pulsed I-V refers to any test with a pulsed source and a
corresponding high speed, timed-based measurement
that provides DC-like results. Using pulsed I-V signals
to characterize devices rather than DC signals makes
it possible to study or reduce the effects of self-heating
(Joule heating) or to minimize current drift or degradation
in measurements due to trapped charge.
Transient I-V or waveform capture is a time-based
current and/or voltage measurement that is typically the
capture of a pulsed waveform. A transient test is typically
a single pulse waveform that is used to study time-varying
parameters, such as the drain current degradation versus
time due to charge trapping or self-heating. Transient I-V
measurements can be made to test a dynamic test circuit
or can be used as a diagnostic tool for choosing the
appropriate pulse settings in the pulsed I-V mode.
Pulsed Sourcing involves outputting user-defined two-
level or multi-level pulses using the built-in Segment
ARB® function or outputting an
arbitrarily defined waveform.
When the instrument’s Segment
ARB mode is used for multi-
level pulsing, individual voltage
segments can be as short as
20 ns and waveforms can have
up to 2048 unique segments
per channel, which provides
the flexibility necessary to build
waveforms for characterizing
flash devices and other non-
volatile memory technologies.
Pulsed I-V
Pulse/Measure with DC-like results
Train, Sweep, Step modes
General device characterization
Transient I-V
Time-based I and V measurements
Waveform capture
Dynamic device testing
Pulsed Sourcing
Multi-level pulsing
Arbitrary waveform generator
AC stress testing with measure
Measure Window
Time
Samples
Sequence A
V1
V2
V3
V4
1
2 3 4 5
Time
Sequence A Definition
Segment Start V Stop V Duration
1
V1
V2
T1
2
V2
V2
T2
3
V2
V3
T3
4
V3
V3
T4
5
V3
V4
T5
4225-PMU Operating Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com