Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 23 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 23 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 19Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 20Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 21Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 22Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 23Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 24Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 25Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 26Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 27Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Datasheet
TEK.COM
24
PMU Voltage Sourcing and Current Measurement Accuracy
Voltage
Range
Current
Range
Current
Measurement
Accuracy
Voltage Sourcing
Accuracy
4225-PMU
40 V
800 mA
±(0.25% + 3 mA)
±(0.25% + 40 mV)
10 mA
±(0.5% + 100 µA)
100 µA
±(0.25% + 1 µA)
10 V
200 mA
±(0.25% + 250 µA)
±(0.25% + 10mV)
10 mA 1
±(0.25% + 100 µA) 1
4225-PMU
with 4225-RPM
10 V
10 mA
±(0.5% + 10 µA)
±(0.25% + 10 mV)
1 mA
±(0.5%+1 µA
100 µA
±(0.5% + 100 nA)
10 µA
±(0.5% + 30 nA)
1 µA
±(0.5% + 1 nA)
100 nA
±(0.5% + 1 nA)
Notes
1. Accuracy for 10mA range is ±(0.25% + 100uA) if no 4225-RPM attached and is ±(0.5% + 10uA) with 4225-RPM attached.
PMU Voltage Measurement
Timing parameters, typical 1
4225-PMU
4225-RPM
Voltage measure ranges
10 V
40 V
10 V
Recommended minimum pulse width 2
70 ns
150 ns
160 ns
Recommended minimum measure window 2
20 ns
20 ns
20 ns
Recommended minimum transition time 3
20 ns
100 ns
20 ns
Noise 4
2 mV
8 mV
1 mV
Settling time 5
30 ns
30 ns
100 ns
Notes
1. All typical values measured with an open circuit.
2. Using default measure window of 75% to 90% of pulse top. Recommended minimum pulse width = (Settling Time) / 75%.
3. Recommended rise/fall time to minimize overshoot.
4. RMS noise measured over the Recommended Minimum Measure Window for the given voltage or current range, typical.
5. Time necessary for the signal to settle to the DC accuracy level. (Example: 10 mA settling time on the PMU 10 V range is defined when the
signal is within 1.25% of the final value. This calculation: Accuracy = 0.25% + 100 µA = 0.25% + (100 µA/10 mA) = 0.25% + 1% = 1.25%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com