Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 21 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 21 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 17Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 18Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 19Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 20Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 21Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 22Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 23Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 24Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 25Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Datasheet
TEK.COM
22
CVU DC Bias Function, using SMU Instrument in bias tee
DC biasing of AC signals is provided by the 42XX-SMU instrument modules.
Range
±210V at 1 mA maximum (420 V differential)
Typical Accuracy of 4210-CVU through the 4200A-CVIV Multi-Switch, 2-terminal bias tee
Measured Capacitance
1 kHz
10 kHz
100 kHz
1 MHz
1 pF
Not Specified
Not Specified
±2.4%
±0.7%
10 pF
Not Specified
±2.9%
±0.5%
±0.5%
100 pF
Not Specified
±0.5%
±0.5%
±0.5%
1 nF
±1.9%
±0.5%
±0.5%
±0.5%
10 nF
±0.7%
±0.5%
±0.5%
±0.75%
100 nF
±0.7%
±0.5%
±0.5%
±2.3%
1 µF
±3.5%
±2.0%
Not Specified
Not Specified
Notes
• These specs are typical, non-warranted, apply at 23°C, and are provided solely as useful information.
• Measurements were taken using CVIV 2-wire and Bias Tee Low I modes.
• Measurement speed: Quiet, Test signal level: 30mV rms, AC Measure I Range: Auto
• Valid when CVU CVIV compensation is applied from a <1 month old compensation acquisition.
Typical Accuracy of 4210-CVU through the 4200A-CVIV Multi-Switch, 3-terminal bias tee
Measured Capacitance
1 kHz
10 kHz
100 kHz
1 MHz
Cgd = 100 pF
Not Specified
±5.0%
±5.0%
Not Specified
Cds = 1 nF
±10.0%
±2.0%
±2.0%
±30.0%
Cgs = 10 nF
±3.0%
±2.0%
±2.0%
±3.0%
Measured Capacitance
1 kHz
10 kHz
100 kHz
1 MHz
Cgd = 100 pF
Not Specified
±2.0%
±2.0%
±5.0%
Cds = 420 pF
±20.0%
±2.0%
±2.0%
±5.0%
Cgs = 1 nF
±6.0%
±2.0%
±2.0%
±3.0%
Notes
• These specs are typical, non-warranted, apply at 23°C, and are provided solely as useful information.
• Measurements taken using the following CVIV configuration:
- Ch1: BiasT: SMU LO I CV HI
- Ch2: BiasT: SMU LO I CV LO
- Ch3: Ground Unit
- Ch4: Open
- 2-Wire Mode
• Measurement speed: Quiet, Test signal level: 30mV rms, AC Measure I Range: Auto
• Valid when CVU CVIV compensation is applied from a <1 month old compensation acquisition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com