Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 15 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 15 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 11Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 12Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 13Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 14Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 15Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 16Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 17Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 18Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 19Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Datasheet
TEK.COM
16
SMU Voltage Specifications 3
Voltage Range 1
Max. Current
Measure
Source
4200-SMU and
4201-SMU
4210-SMU and
4211-SMU
Resolution 2
Accuracy
±(% rdg + volts)
Resolution 2
Accuracy
±(% rdg + volts)
200 V
10.5 mA
105 mA
200 µV
0.015% + 3 mV
5 mV
0.02% + 15 mV
20 V
105 mA
1.05 A
20 µV
0.01% + 1 mV
500 µV
0.02% + 1.5 mV
2 V
105 mA
1.05 A
2 µV
0.012% + 150 µV
50 µV
0.02% + 300 µV
200 mV
105 mA
1.05 A
0.2 µV
0.012% + 100 µV
5 µV
0.02% + 150 µV
Current Compliance: Bipolar limits set with a single value between full scale and 10% of selected current range.
Notes
1. All ranges extend to 105% of full scale.
2. Specifications apply on these ranges with or without a 4200-PA.
3. The measurement and source accuracy are specified at the termination of the supplied cables.
• 23°C ±5°C, within 1 year of calibration, RH between 5% and 60%, after 30 minutes of warmup.
• Speed set to NORMAL.
• Guarded Kelvin connection.
SMU Load Capacitance Specification
Current Range
Maximum Load
Capacitance between
Force HI and Force LO
terminals
Maximum Guard
Capacitance between
Force HI and Guard
terminals
Maximum Shield
Capacitance between
Guard and Force LO
terminals
4211-SMU
1 A
100 µF
5 nF
10 nF
4211-SMU or 4211-SMU
100 mA
100 µF
4201-SMU or 4211-SMU
100 nA to 10 mA
10 µF
4201-SMU or
4211-SMU with
4200-PA preamplifier
1 nA to 10 nA
10 µF
1 pA to 100 pA
1 µF
Voltage Monitor Mode
High impedence voltmeter mode set at 0 Amps.
Accuracy & Resolution
Voltage Range
Measure Resolution
Measure Accuracy
±(%rdg + volts)
200 V
200 µV
0.015% + 3 mV
20 V
20 µV
0.01% + 1 mV
2 V
2 µV
0.012% + 110 µV
200 mV
0.2 µV
0.012% + 80 µV
Input Impedance
>1013 Ω
Input Leakage Current
<30 pA
Measurement Noise
0.02% of measure range (rms).
Differential Voltage Monitor
Use two SMUs in VMU mode or use the low sense terminal provided with each SMU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com