Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  4225-RPM Datasheet HTML 1Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 2Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 3Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 4Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 5Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 6Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 7Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 8Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
TEK.COM
5
4200A-SCS Parameter Analyzer
1. Clarius Software
Take your research to new levels of understanding with
the new Clarius Software user interface. The 4200A-SCS
includes the Clarius+ software package, which allows
peforming nearly any type of I-V, C-V, and pulsed I-V
characterization test. The Clarius Software user interface
provides touch-and-swipe or point-and-click control for
advanced test definition, parameter analysis, graphing,
and automation capabilities for modern semiconductor,
materials, and process characterization.
Key Features
• Ready-to-use, modifiable application tests, projects
and devices that reduce test development time
• Industry’s first instrument with built-in measurement
videos from world-wide Application engineers, in four
languages, to reduce learning curve
• Pin to pad contact check ensures reliable
measurements
• Multiple measurement functions
• Data display, analysis and arithmetic functions
Reduce Characterization Complexity
with Expert Videos
Engage quickly with your application and reduce
your learning curve by watching built-in videos from
Keithley worldwide application engineers. Hours of
expert measurement expertise help will guide you when
unexpected results occur or questions arise on how to set
up your test. All videos are provided in English, and many
are translated into other languages including Chinese,
Japanese, and Korean. These short expert videos enable
quick insight to your bold discoveries.
Select from Ready-to-Use Application Tests
With over 450 furnished application tests in the Clarius
library, select or modify the pre-defined application tests
to accelerate your characterization or easily create custom
tests from the beginning. With three easy steps, Clarius
Software guides even the new user through parameter
analysis like an expert.
Real-time Results and Parameters
Accelerate your time to insight with automated data
display, arithmetic functions, analysis and real-time
parameter extraction. Never worry about losing your
data because all test history is stored.
Verify Pulse Measurements without an
Oscilloscope
Pulse timing preview mode provides an easy-to-read view
of your pulse timing parameters that confirms your pulsed
I-V test will execute as needed. Use the transient I-V
or waveform capture mode to make time-based current
or voltage measurements without the need of an
external oscilloscope.
Typical Applications
MOSFET, BJT Transistors
Materials Characterization
Non-volatile Memory Devices
Resistivity & Hall Effect Measurements
NBTI/PBTI
III-V Devices
Failure Analysis
Nanoscale Devices
Diodes and pn Junctions
Solar Cells
Sensors
MEMS Devices
Electrochemistry
LED and OLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com