Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 16 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 16 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 12Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 13Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 14Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 15Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 16Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 17Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 18Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 19Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 20Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
TEK.COM 17
4200A-SCS Parameter Analyzer
SMU Supplemental Information
Supplemental information is not warranted but provides useful information about the 4200-SMU, 4210-SMU Instruments.
Compliance Accuracy
Voltage compliance equals the voltage source specifications
Current compliance equals the current source specifications
Overshoot
<0.1% typical
Voltage
Full scale step, resistive load, and 10 mA range
Current
1 mA step, R
L = 10 kΩ, 20 V range
Range Change Transient
Voltage Ranging
<200 mV
Current Ranging
<200 mV
Temperature and Humidity Effect on Accuracy
Accuracy specifications are multiplied by one of the following factors, depending upon the ambient temperature
and humidity. and humidity.
Temperature
% Relative Humidity
5–60
60–80
10°–18°C
×3
×3
18°–28°C
×1
×3
28°–40°C
×3
×5
Remote Sense
<10 Ω in series with FORCE terminal not to exceed a 5 V difference between FORCE and SENSE terminals
±30 V maximum between COMMON and SENSE LO.
Maximum Load Capacitance
10 nF
Maximum Guard Offset Voltage
3 mV from FORCE
Guard Output Impedance
100 kΩ
Maximum Guard Capacitance
1500 pF
Maximum Shield Capacitance
3300 pF
4200-SMU and 4210-SMU Shunt Resistance (Force to Common)
>1012 Ω (100 nA–1 µA ranges)
4200-PA Shunt Resistance (Force to Common)
>1016 Ω (1 pA and 10 pA ranges), >1013 Ω (100 pA–100 nA ranges)
Noise Characteristics (typical)
Voltage Source (rms)
0.01% of output range
Current Source (rms)
0.1% of output range
Voltage Measure (p-p)
0.02% of measurement range
Current Measure (p-p)
0.2% of measurement range
Maximum Slew Rate
0.2 V/µs
DC Floating Voltage
Common can be floated ±32 V from chassis ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com