Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 12 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 12 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 8Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 9Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 10Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 11Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 12Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 13Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 14Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 15Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 16Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
TEK.COM 13
4200A-SCS Parameter Analyzer
Users can perform all the electrical measurements on
the device without having to disconnect and reconnect
cabling for each test, which ultimately saves valuable test
time and reduces frustration.
The 4225-RPM also serves as a preamp to extend the
lower current ranges on the PMU. This is especially
important for devices, such as diodes, that have I-V
characteristics that extend over several decades of
current. The pulsed I-V measurements of the diode
through the 4225-RPM Remote Preamplifier/Switch are
shown below. Its unique auto-range feature enables
automatic range selection while the pulsed I-V sweep is in
progress, so the user isn’t forced to select a fixed range,
which can reduce measurement resolution.
4225-RPM provides lower current ranges for pulse applications.
The optional Multi-measurement Prober Cable Kits (4210-
MMPC) connect the 4200A-SCS Parameter Analyzer to
a prober manipulator. In addition to eliminating the need
for re-cabling, these kits help maximize signal fidelity by
eliminating the measurement errors that often result from
cabling errors.
Switch Matrices
A number of switch matrix configurations are available
for the 4200A-SCS.
The six-slot 707B and single-slot 708B Semiconductor
Switch Matrix mainframes slash the time from command
to connection, offering significantly faster test sequences
and overall system throughput than earlier
mainframe designs.
708B and 707B Switch Matrix mainframes.
They are specifically designed for the requirements of both
semiconductor lab and production test environments,
delivering ultra-low current switching performance using
standard triaxial connectors and cables.
4200-SMU1
4200A-SCS Chassis
Sense
Force
4225-RPM 1
Sense
SMU1
CVU HI
PMU CH1
CA-547-2A RPM
Interconnect Cables
CA-534-24A
Triax to Triax Cables
237-TRX-T
Triax Tee
Diode enclosed in
conductive shield
connected to
Force LO
Force
4225-RPM 2
Sense
SMU2
CVU LO
PMU CH2
Force
4200-SMU2
Sense
Force
4210-CVU
HI Pot
HI Curr
LO Curr
LO Pot
4225-PMU
Ch. 1
Ch. 2
CA-447A SMA
Cables
4200-TRX-2 or 4200-MTRX-2
Triax to Triax Cables
Connection diagram when using 4225-RPM Remote Preamplifer/Switch Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com