Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 37 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 37 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 33Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 34Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 35Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 36Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 37Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 38Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 39Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 40Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 41Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Datasheet
TEK.COM
38
11. Supplied Accessories
4200A-SCS
Parameter Analyzer Mainframe
(1) 236-ILC-3 Interlock Cable, 3 m (10 ft)
(2) 4200-TRX-2 Ultra Low Noise Triax Cables, 2 m (6.6 ft)
4200-SMU
Medium Power Source-Measure Unit for 4200A-SCS, 100 mA to 100 fA, 200 V to 0.2 µV, 2 Watts
If configured with a preamp:
All cables are provided with the 4200-PA. See 4200-PA below.
If configured without a preamp:
(2) 4200-MTRX-2 Mini Ultra Low Noise Triax Cables, 2 m (6.6 ft)
4201-SMU
Medium Power Source-Measure Unit for 4200A-SCS and high-capacitance setups, 100 mA to 100 fA,
200 V to 0.2 µV, 2 Watts, 10 µF load capacitance
If configured with a preamp:
All cables are provided with the 4200-PA. See 4200-PA below
If configured without a preamp:
(2) 4200-MTRX-2 Mini Ultra Low Noise Triax Cables, 2 m (6.6 ft)
4210-SMU
High Power Source-Measure Unit for 4200A-SCS, 1 A to 100 fA, 200 V to 0.2 µV, 20 Watts
If configured with a preamp:
All cables are provided with the 4200-PA. See 4200-PA below.
If configured without a preamp:
(2) 4200-MTRX-2 Mini Ultra Low Noise Triax Cables, 2 m (6.6 ft)
4211-SMU
High Power Source-Measure Unit for 4200A-SCS and high-capacitance setups, 1 A to 100 fA, 200 V to
0.2 µV, 2 Watts, 100 µF load capacitance
If configured with a preamp:
All cables are provided with the 4200-PA. See 4200-PA below
If configured without a preamp:
(2) 4200-MTRX-2 Mini Ultra Low Noise Triax Cables, 2 m (6.6 ft)
4200-PA
Remote Preamp Option for 4200-SMU and 4210-SMU, extends SMU to 0.1 fA resolution
(1) 4200-RPC remote preamp cable, 3 m (9.8 ft)
(2) 4200-TRX-2 Ultra Low Noise Triax Cables, 2 m (6.6 ft)
4210-CVU
Capacitance-Voltage (C-V) Module
(4) CA-447A SMA Cables, male to male, 100 Ω, 1.5 m (5 ft) • (4) CS-1247 Female SMA to Male
BNC Adapters
(2) CS-701 BNC Tee Adapters
4225-PMU
Ultra-Fast Pulse Measure Unit
(4) CA-404B SMA-to-SMA 50 Ω cables, 2 m (6.6 ft)
(2) 4200-PRB-C SMA-to-SSMC Y-Cable Assembly, 15 cm (6 in.)
4225-RPM
Remote Preamplifier/Switch Module
(1) CA-452A SMA-to-SMA 50 Ω Cable, 20 cm (7.9 in)
(1) 7078-TRX-BNC Triax-to-BNC Adapter
(1) CS-1247 BNC-to-SMA Adapter
(1) CA-547-2A RPM Cable, 2.1 m (6.9 ft)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com