Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 39 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 39 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 35Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 36Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 37Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 38Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 39Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 40Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 41Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 42Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 43Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Datasheet
TEK.COM
40
12. Optional Accessories
Connectors and Adapters
CS-565
Female BNC to Female BNC Adapter
CS-701
BNC Tee Adapter (female, male, female)
CS-719
3-lug Triax Jack Receptacle
CS-1247
SMA Female to BNC Male Adapter
CS-1249
SMA Female to SMB Plug Adapter
CS-1251
BNC Female to SMB Plug Adapter
CS-1252
SMA Male to BNC Female Adapter
CS-1281
SMA Female to SMA Female Adapter
CS-1382
Female MMBX Jack to Male SMA Plug Adapter
CS-1390
Male LEMO Triax to Female SMA Adapter
CS-1391
SMA Tee Adapter (female, male, female)
CS-1479
SMA Male to BNC Male Adapter
237-BAN-3A
Triax Cable Center Conductor terminated in a safety banana plug
237-BNC-TRX
Male BNC to 3-lug Female Triax Adapter
237-TRX-BAR
3-lug Triax Barrel Adapter (female to female)
237-TRX-T
3-slot Male to Dual 3-lug Female Triax Tee Adapter
7078-TRX-BNC
3-slot Male Triax to BNC Adapter
7078-TRX-GND
3-slot Male Triax to Female BNC Connector (guards removed)
Test Fixtures
8101-4TRX
4-pin Transistor Fixture
8101-PIV
Pulse I-V Demo Fixture
Cabinet Mounting Accessories
4200A-RM
Fixed Cabinet Mount Kit for 4200A-SCS
Cables and Cable Sets
NOTE: All 4200A-SCS systems and instrument options are supplied with required cables, 3 m (9.8 ft.) length.
CA-19-2
BNC to BNC Cable, 1.5 m
CA-404B
SMA to SMA Coaxial Cable, 2 m
CA-405B
SMA to SMA Coaxial Cable, 15 cm
CA-406B
SMA to SMA Coaxial Cable, 33 cm
CA-446A
SMA to SMA Coaxial Cable, 3 m
CA-447A
SMA to SMA Coaxial Cable, 1.5 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com