Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 13 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 13 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 9Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 10Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 11Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 12Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 13Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 14Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 15Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 16Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 17Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Datasheet
TEK.COM
14
6. NBTI/PBTI Package
Modeling negative/positive bias temperature instability
(NBTI/PBTI) is a challenge when developing deeply scaled
silicon CMOS transistor designs. Over time, NBTI effects
cause a transistor’s threshold voltage (V
T) to shift and
its sub-threshold drain current to increase significantly,
severely limiting transistor lifetime and circuit performance.
These effects must be accurately modeled during device
development and monitored during process integration
and production. During BTI characterization, the transistor
is alternately stressed and characterized. However,
the BTI mechanism is susceptible to relaxation effects,
which means that the instant the stress is removed,
the transistor starts to recover and the degradation
fades. Characterizing the degradation prior to relaxation
demands the use of ultra-fast I-V techniques.
The 4200-BTI-A Ultra-Fast BTI Package is the
industry’s most advanced NBTI/PBTI test platform, with
everything needed to make sophisticated NBTI and
PBTI measurements on leading-edge silicon CMOS
technology: a 4225-PMU Ultra-Fast I-V Module, two
4225-RPM Remote Preamplifier/Switches, Automated
Characterization Suite (ACS) software, an Ultra-Fast
BTI Test Project Module, and cabling. The test software
module makes it easy to define stress timing, stress
conditions, and a wide range of measurement sequences
from spot I
D, On-The-Fly (OTF), or ID-VG sweeps. It allows
measuring recovery effects as well as degradation and
offers pre-stress and post-stress measurement options
that incorporate the 4200A-SCS’s DC SMUs for precision
low-level measurements.
The Ultra-Fast BTI test software module supports spot,
step sweep, smooth sweep, and sample measurement
types. Each type’s timing is defined by the test sample
rate and the individual measurement settings. The
software module also provides control over the voltage
conditions between each element in the test sequence,
for maximum flexibility and ease of use, even when
defining complex test sequences.
Ultra-fast BTI package supports spot, smooth sweep, triangle, and step sweep measurement types.
M
M M
M
M
M M M M M
M
M
M M M M
M
M
M
M
M M M M
M
M
M
M
M
M M
M
M
M M M M M
M
M
300ns–
10µs
1µs–100µs
10 pts. min.
10 pts. min.
20ns–100ks
Spot
Spot
Triangle
Triangle
Spot
Spot
0V
20ns–100ks
100ns–100µs
20ns–100ks
300ns–
10µs
Same as
previous
measure
200ns–
100µs
VG–ID Sweep
Initial/Final Meas.
VD
VGstress
Combo
Initial/Final Meas.
Intermediate
1st Stress
2nd Stress
3rd Stress
Intermediate
VG–ID Sweep
Measurement Types
Spot
Smooth Sweep
Triangle
Step Sweep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com