Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 18 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 14Page - Microsemi Corporation VSC7511 Datasheet HTML 15Page - Microsemi Corporation VSC7511 Datasheet HTML 16Page - Microsemi Corporation VSC7511 Datasheet HTML 17Page - Microsemi Corporation VSC7511 Datasheet HTML 18Page - Microsemi Corporation VSC7511 Datasheet HTML 19Page - Microsemi Corporation VSC7511 Datasheet HTML 20Page - Microsemi Corporation VSC7511 Datasheet HTML 21Page - Microsemi Corporation VSC7511 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 324 page
background image
Product Overview
VMDS-10488 VSC7511 Datasheet Revision 4.2
3
2
Product Overview
The VSC7511 Industrial IoT Ethernet switch contains four ports, each configurable as either an
integrated 10/100/1000BASE-T PHY or a 1G SGMII/SerDes. In addition, there is an option for either a
1G/2.5G SGMII/SerDes Node Processor Interface (NPI) or a PCIe interface for external CPU
connectivity. The NPI/PCIe can operate as a standard Ethernet port. The device provides a rich set of
Industrial Ethernet switching features such as fast protection switching, 1588 precision time protocol, and
synchronous Ethernet. Advanced TCAM-based VLAN and QoS processing enable delivery of
differentiated services. Security is assured through frame processing using Microsemi’s TCAM-based
Versatile Content Aware Processor. In addition, the device contains an 8051 CPU for simple operation of
the switch.
The device supports the following main port configurations.
2.1
General Features
•
1.75 megabits of integrated shared packet memory
•
4 x 1G SGMII or integrated copper PHY ports
•
Fully nonblocking wire-speed switching performance with weighted random early detection (WRED)
for all frame sizes
•
Eight QoS classes and eight queues per port with strict or deficit weighted round robin scheduling
•
Dual leaky bucket policers, per QoS class and per port
•
Dual leaky bucket policers, flow-based through TCAM matching
•
DWRR and strict priority egress scheduler/shaper and 9 dual leaky bucket shapers per egress port.
•
TCAM-based classification entries for Quality of Service (QoS) and VLAN membership
•
TCAM-based host identity entries for source IP guarding
•
TCAM-based security enforcement entries
•
TCAM-based egress tagging entries
•
L1 Synchronous Ethernet
•
VeriTime™—Microsemi’s patent-pending distributed timing technology that delivers the industry’s
most accurate IEEE 1588v2 timing implementation for both one-step and two-step clocks
•
Audio/Video bridging (AVB) with support for time-synchronized, low-latency audio and video
streaming services
•
Energy Efficient Ethernet (IEEE 802.3az)
•
VCore-Ie™ CPU system with integrated 250 MHz 8051 CPU with 64 KB internal storage
•
PCIe and 2.5G SGMII NPI for external CPU register access
•
Device overheat protection
•
Hardware loop detection
•
Integrated fan controller
•
Internal shared memory buffer (8 queues per port) Integrated 10/100/1000BASE-T Ethernet copper
transceiver (IEEE 802.3ab compliant) with the industry's only non-TDR-based VeriPHY™ cable
diagnostics algorithm
•
Patented line driver with low EMI voltage mode architecture and integrated line-side termination
resistors
•
Wake-on-LAN using magic packets
•
HP Auto-MDIX and manual MDI/MDIX support
2.1.1
Layer 2 Switching
•
4,096 MAC addresses
•
4,096 VLANs (IEEE 802.1Q)
Table 1 •
Main Port Configurations
Ports
1G CuPHY/SGMII
2.5G NPI
PCIe
4 + NPI
4
1
4 + PCIe
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com