Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 98 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 98 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 94Page - Microsemi Corporation VSC7511 Datasheet HTML 95Page - Microsemi Corporation VSC7511 Datasheet HTML 96Page - Microsemi Corporation VSC7511 Datasheet HTML 97Page - Microsemi Corporation VSC7511 Datasheet HTML 98Page - Microsemi Corporation VSC7511 Datasheet HTML 99Page - Microsemi Corporation VSC7511 Datasheet HTML 100Page - Microsemi Corporation VSC7511 Datasheet HTML 101Page - Microsemi Corporation VSC7511 Datasheet HTML 102Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
83
DIP_EQ_SIP
166
1
Set if sender IP address is equal to target IP
address.
Table 51 •
IS2 IP4_TCP_UDP Key
Field Name
Bit
Width
Description
Layer-3 and Layer-4 Information
IP4
46
1
Set if frame is IPv4 frame.
IPv6 frames can also use IP4_TCP_UDP entries when
IP6_STD entries are disabled.
L3_FRAGMENT
47
1
Set if IP frame is fragmented (More Fragments flag = 1 or
Fragments Offset > 0).
L3_FRAG_OFS_GT0 48
1
Set if IP frame is fragmented and it is not the first fragment
(Fragments Offset > 0). Such frames do not carry Layer-4
information all Layer-4 information fields in the key are
automatically set to don’t-care when generating the key.
L3_OPTIONS
49
1
Set if IP frame contains options (IP len > 5). IP options are
not skipped nor parsed which implies that Layer-4
information cannot be used. All Layer-4 information fields
in the key are automatically set to don’t-care when
generating the key.
L3_TTL_GT0
50
1
Set if IP TTL is greater than 0.
L3_TOS
51
8
IP TOS field.
L3_IP4_DIP
59
32
IPv4 frames: Destination IPv4 address.
IPv6 frames: Source IPv6 address, bits 63:32.
L3_IP4_SIP
91
32
IPv4 frames: Source IPv4 address.
IPv6 frames: Source IPv6 address, bit 31:0.
DIP_EQ_SIP
123
1
Set if source IP address is equal to destination IP address.
Full addresses are checked, also for IPv6.
TCP
124
1
Set if IP Proto = 6 (TCP).
L4_DPORT
125
16
TCP/UDP destination port.
L4_SPORT
141
16
TCP/UDP source port.
L4_RNG
157
8
Range mask with one bit per range. A bit is set, if the
corresponding range is matched.
Range types: SPORT, DPORT, SPORT or DPORT, VID,
DSCP.
Input to range checkers:
SPORT, DPORT: From frame
VID, DSCP: Classified result from IS1.
See Range Checkers, page 94.
SPORT_EQ_DPORT 165
1
Set if UDP or TCP source port equals UDP or TCP
destination port.
SEQUENCE_EQ0
166
1
TCP: Set if TCP sequence number is 0.
PTP over UDP: messageType bit 0.
L4_FIN
167
1
TCP: TCP flag FIN.
PTP over UDP: messageType bit 1.
Table 50 •
IS2 ARP Key (continued)
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com