Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 30 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 30 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 26Page - Microsemi Corporation VSC7511 Datasheet HTML 27Page - Microsemi Corporation VSC7511 Datasheet HTML 28Page - Microsemi Corporation VSC7511 Datasheet HTML 29Page - Microsemi Corporation VSC7511 Datasheet HTML 30Page - Microsemi Corporation VSC7511 Datasheet HTML 31Page - Microsemi Corporation VSC7511 Datasheet HTML 32Page - Microsemi Corporation VSC7511 Datasheet HTML 33Page - Microsemi Corporation VSC7511 Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 324 page
background image
Product Overview
VMDS-10488 VSC7511 Datasheet Revision 4.2
15
Synchronous Ethernet allows for the transfer of network timing from one reference to all network
elements. In the device, each port can recover its ingress clock and output the recovered clock to one of
up to two recovered clock output pins. External circuitry can then generate a stable reference clock input
used for egress and core logic timing in the device.
The Precision Time Protocol (PTP) allows for the network-wide synchronization of precise time of day. It
is also possible to derive network timing. PTP can operate with a one-step clock or a two-step clock. For
one-step clocks, a frame’s residence time is calculated and stamped into the frame at departure. For two-
step clocks, a frame’s residence time is simply recorded and provided to the CPU for further processing.
The CPU can then initiate a follow-up message with the recorded timing.
PTP is supported for a range of encapsulations including PTP over Ethernet/IEEE 802.3 and PTP over
UDP over IPv4/IPv6.
2.3.10
CPU System and Interfaces
The device contains a fast 250 MHz 8051 and a high bandwidth Ethernet Frame DMA engine.
The device supports external CPU register access through the on-chip PCIe 1.x endpoint controller,
through specially formatted Ethernet frames on the NPI port (Microsemi’s Versatile Register Access
Protocol), or through register access interface using SPI protocol. External CPUs can inject or extract
Ethernet frames through NPI port, through PCIe DMA access, or through register read/writes (using any
register-access interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com