Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 36 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 36 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 32Page - Microsemi Corporation VSC7511 Datasheet HTML 33Page - Microsemi Corporation VSC7511 Datasheet HTML 34Page - Microsemi Corporation VSC7511 Datasheet HTML 35Page - Microsemi Corporation VSC7511 Datasheet HTML 36Page - Microsemi Corporation VSC7511 Datasheet HTML 37Page - Microsemi Corporation VSC7511 Datasheet HTML 38Page - Microsemi Corporation VSC7511 Datasheet HTML 39Page - Microsemi Corporation VSC7511 Datasheet HTML 40Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
21
The MAC generates and transmits a priority-based pause frames whenever a queue is congested. The
device prevents excessive pause frame generation by waiting half the pause timer value between
transmissions of pause frames.
When an ingress queue de-asserts the flow control condition, the MAC does not generate a priority-
based pause frame with pause timer 0 for the priority. Instead, the timer in the link partner must expire.
However, if another queue asserts flow control, then a priority-based pause frame is generated for that
priority and for all uncongested queues a pause timer 0 is signaled to the link partner.
3.2.1.7
Frame Aging
The following table lists the registers associated with frame aging.
The MAC supports frame aging where frames are discarded if a maximum transit delay through the
switch is exceeded. All frames, including CPU-injected frames, are subject to aging. The transit delay is
time from when a frame is fully received until that frame is scheduled for transmission through the egress
MAC. The maximum allowed transit delay is configured in SYS::FRM_AGING.
Frame aging can be disabled per port (REW::PORT_CFG.AGE_DIS).
Discarded frames due to frame aging are counted in the c_tx_aged counter.
3.2.1.8
Rx and Tx Time Stamps
The following table lists the registers associated with Rx and Tx time stamping.
The MAC supports Rx and Tx time stamping where a frame’s receive time and transmit time are sampled
using a nanoseconds counter. The receive and transmit time stamps are shifted in time so that the
resulting time stamps align with the exact reception and transmission of the first byte in the frame. This
adjusts for local delays in the receive path and the transmit path. The time stamps are individually
adjusted as follows:
Rx time stamp: Sampling of the MAC’s nanoseconds counter plus
DEV:PORT_MODE:RX_PATH_DELAY.
Tx time stamp: Sampling of the MAC’s nanoseconds counter plus
DEV:PORT_MODE:TX_PATH_DELAY.
The Rx and Tx path delays are signed so negative adjustments can be achieved by setting the most
significant bit.
The PTP_PREDICT_CFG register must be configured according to the operating mode of the port.
When the ingress port is operating in backplane mode
(ANA:PORT:PTP_CFG.PTP_BACKPLANE_MODE), the Rx time stamp is set to the value of the 4-byte
reserved field at offset 16 bytes in the incoming frame’s PTP header instead of using the adjusted Rx
time stamp from the MAC.
Table 8 •
Frame Aging Configuration Registers
Register
Description
Replication
SYS::FRM_AGING
Frame aging time
None
REW::PORT_CFG.AGE_DIS
Disable frame aging
Per port
Table 9 •
Rx and Tx Time Stamping Register
Register
Description
Replication
DEV:PORT_MODE:TX_PATH_DELAY
I/O delays
Per port
ANA:PORT:PTP_CFG.PTP_BACKPLANE_MODE
Ingress backplane configuration
Per port
DEV:PORT_MODE:RX_PATH_DELAY
I/O delays
Per port
DEV:PORT_MODE:PTP_PREDICT_CFG
I/O delays
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com