Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 63 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 63 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 59Page - Microsemi Corporation VSC7511 Datasheet HTML 60Page - Microsemi Corporation VSC7511 Datasheet HTML 61Page - Microsemi Corporation VSC7511 Datasheet HTML 62Page - Microsemi Corporation VSC7511 Datasheet HTML 63Page - Microsemi Corporation VSC7511 Datasheet HTML 64Page - Microsemi Corporation VSC7511 Datasheet HTML 65Page - Microsemi Corporation VSC7511 Datasheet HTML 66Page - Microsemi Corporation VSC7511 Datasheet HTML 67Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
48
The following table defines the per-port available FIFO drop counters and lists the counter address.
3.6.2
Accessing and Clearing Counters
The counters are accessed through SYS:STAT:CNT using the counter address given for each counter in
the tables in the preceding sections. Only a subset of the counters for all ports are addressable at the
same time. The current subset is programmed in STAT_CFG.STAT_VIEW and includes port counters
(Rx, Tx, drop) for the port number programmed in STAT_CFG.STAT_VIEW.
The following illustration shows the layout of the counter subset that are addressable through
SYS:STAT:CNT. To change the view, write a new port number to STAT_CFG.STAT_VIEW.
Table 25 •
FIFO Drop Counters in the Statistics Block
Type
Short Name
Counter
Address Description
Drop
c_dr_local
0x80
Number of frames discarded due to no destinations.
Drop
c_dr_tail
0x81
Number of frames discarded due to no more memory
in the queue system (tail drop).
Drop
c_dr_yellow_prio_0
0x82
Number of FIFO discarded frames classified to QoS
class 0 with DP level 1
Drop
c_dr_yellow_prio_1
0x83
Number of FIFO discarded frames classified to QoS
class 1 with DP level 1
Drop
c_dr_yellow_prio_2
0x84
Number of FIFO discarded frames classified to QoS
class 2 with DP level 1
Drop
c_dr_yellow_prio_3
0x85
Number of FIFO discarded frames classified to QoS
class 3 with DP level 1
Drop
c_dr_yellow_prio_4
0x86
Number of FIFO discarded frames classified to QoS
class 4 with DP level 1
Drop
c_dr_yellow_prio_5
0x87
Number of FIFO discarded frames classified to QoS
class 5 with DP level 1
Drop
c_dr_yellow_prio_6
0x88
Number of FIFO discarded frames classified to QoS
class 6 with DP level 1
Drop
c_dr_yellow_prio_7
0x89
Number of FIFO discarded frames classified to QoS
class 7 with DP level 1
Drop
c_dr_green_prio_0
0x8A
Number of FIFO discarded frames classified to QoS
class 0 with DP level 0.
Drop
c_dr_green_prio_1
0x8B
Number of FIFO discarded frames classified to QoS
class 1 with DP level 0.
Drop
c_dr_green_prio_2
0x8C
Number of FIFO discarded frames classified to QoS
class 2 with DP level 0.
Drop
c_dr_green_prio_3
0x8D
Number of FIFO discarded frames classified to QoS
class 3 with DP level 0.
Drop
c_dr_green_prio_4
0x8E
Number of FIFO discarded frames classified to QoS
class 4 with DP level 0.
Drop
c_dr_green_prio_5
0x8F
Number of FIFO discarded frames classified to QoS
class 5 with DP level 0.
Drop
c_dr_green_prio_6
0x90
Number of FIFO discarded frames classified to QoS
class 6 with DP level 0.
Drop
c_dr_green_prio_7
0x91
Number of FIFO discarded frames classified to QoS
class 7 with DP level 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com