Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 65 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 65 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 61Page - Microsemi Corporation VSC7511 Datasheet HTML 62Page - Microsemi Corporation VSC7511 Datasheet HTML 63Page - Microsemi Corporation VSC7511 Datasheet HTML 64Page - Microsemi Corporation VSC7511 Datasheet HTML 65Page - Microsemi Corporation VSC7511 Datasheet HTML 66Page - Microsemi Corporation VSC7511 Datasheet HTML 67Page - Microsemi Corporation VSC7511 Datasheet HTML 68Page - Microsemi Corporation VSC7511 Datasheet HTML 69Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
50
The following table lists the registers associated with general data extraction.
It is programmable which VLAN tags are recognized. The use of Layer-3 and Layer-4 information for
classification and forwarding can also be controlled.
The device recognizes three different VLAN tags:
•
Customer tags (C-TAGs), which use TPID 0x8100.
•
Service tags (S-TAGs), which use TPID 0x88A8 (IEEE 802.1ad).
•
Service tags (S-TAGs), which use a custom TPID programmed in SYS::VLAN_ETYPE_CFG.
The device can parse and use information from up to two VLAN tags of any of the kinds described above.
By default, the outer VLAN tag is extracted and used for both the basic classification and the VCAP IS1
key generation. However, for both the basic classification and the VCAP IS1, there is an option to use the
inner VLAN tag instead for frames with at least two VLAN tags. For basic classification, this is controlled
in VLAN_CFG.VLAN_INNER_TAG_ENA and affects both QoS, DP, and VLAN classification as well as
the frame acceptance filter. For IS1, this is controlled per lookup in S1_VLAN_INNER_TAG_ENA. Note
that several keys in IS1 always contain both the inner VLAN tag and the outer VLAN tag.
Various blocks in the device uses Layer-3 and Layer-4 information for classification and forwarding.
Layer-3 and Layer-4 information can be extracted from a frame with up to two VLAN tags. Frames with
more than two VLAN tags are considered non-IP frames.
The actual use of Layer-3 and Layer-4 information for classification, forwarding, and rewriting is enabled
in SYS::PORT_MODE.L3_PARSE_CFG. The following blocks are affected by this functionality:
•
Basic classification: QoS, DP, and DSCP classification, link aggregation code generation, CPU
forwarding
•
VCAP: TCAM keys (IS1, IS2) using Layer 3 and Layer4 information
•
Analyzer: Flooding and forwarding of IP multicast frames
•
Rewriter: Rewriting of IP information
3.7.2
Frame Acceptance Filtering
The following table lists the registers associated with frame acceptance filtering.
Based on the configurations in the DROP_CFG and PORT_MISC registers, the classifier instructs the
queue system to drop or forward certain frames types, such as:
•
Frames with a multicast source MAC address
Table 26 •
General Data Extraction Registers
Register
Description
Replication
SYS::PORT_MODE.L3_PARSE_CFG
Enables the use of Layer 3 and 4 protocol
information for classification and frame
processing.
Per port
SYS::VLAN_ETYPE_CFG
Ethernet Type for S-tags in addition to default
value 0x88A8.
None
ANA:PORT.VLAN_CFG.VLAN_INNER_TAG_ENA Enables using inner VLAN tag for basic
classification if available in incoming frame.
Per port
ANA:PORT:S1_VLAN_INNER_TAG_ENA
Enables using inner VLAN tag for IS1 key
generation if available in incoming frame.
Per port per
IS1 lookup
Table 27 •
Frame Acceptance Filtering Registers
Register
Description
Replication
DEV::PORT_MISC
Configures forwarding of special frames.
Per port
ANA:PORT:DROP_CFG
Configures discarding of illegal frame types.
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com