Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 90 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 90 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 86Page - Microsemi Corporation VSC7511 Datasheet HTML 87Page - Microsemi Corporation VSC7511 Datasheet HTML 88Page - Microsemi Corporation VSC7511 Datasheet HTML 89Page - Microsemi Corporation VSC7511 Datasheet HTML 90Page - Microsemi Corporation VSC7511 Datasheet HTML 91Page - Microsemi Corporation VSC7511 Datasheet HTML 92Page - Microsemi Corporation VSC7511 Datasheet HTML 93Page - Microsemi Corporation VSC7511 Datasheet HTML 94Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
75
L3_IP6_DIP
205
64
Overloaded fields for different frame types:
LLC frame: L3_IP6_DIP = PAYLOAD[7:14]
SNAP frame: L3_IP6_DIP = PAYLOAD[5:12]
IPv4 frame: L3_IP6_DIP = destination IP address, bits [31:0]
IPv6 frame: L3_IP6_DIP = destination IP address, bits [63:0]
OAM, ARP or ETYPE frame: L3_IP6_DIP = PAYLOAD[8:15]
L3_IP6_SIP_MSB
269
16
IPv6 frame: L3_IP6_SIP_MSB = source IP address,
bits [127:112]
L3_IP6_SIP
285
64
Overloaded fields for different frame types:
LLC frame: L3_IP6_SIP = [CTRL, PAYLOAD[0:6]]
SNAP frame: L3_IP6_SIP = [PID[2:0], PAYLOAD[0:4]]
IPv4 frame: L3_IP6_SIP = source IP address, bits [31:0]
IPv6 frame: L3_IP6_SIP = source IP address, bits [63:0]
OAM, ARP or ETYPE frame: L3_IP6_SIP = PAYLOAD[0:7]
Layer-4 Information
TCP_UDP
349
1
Frame type flag.
Set if frame is IPv4/IPv6 TCP or UDP frame.
TCP
350
1
Frame type flag.
Set if frame is IPv4/IPv6 TCP frame.
L4_SPORT
351
16
TCP/UDP frame’s source port.
L4_RNG
367
8
Range mask with one bit per range. A bit is set, if the
corresponding range is matched.
Range types: SPORT, DPORT, SPORT or DPORT, VID, DSCP
Input to range checkers:
SPORT/DPORT: From frame
VID: From frame if tagged, otherwise port’s VID
DSCP: Translated DSCP from the basic classification.
See Range Checkers, page 94.
Table 44 •
Specific Fields for IS1 Full Key S1_5TUPLE_IP6
Field Name
Bit
Width
Description
Layer-3 Information
L3_DSCP
65
6
Frame’s DSCP value. The DSCP value may have been
translated during basic classification. See QoS, DP, and
DSCP Classification, page 53.
L3_IP6_DIP
71
128
IPv6 destination IP address
L3_IP6_SIP
199
128
IPv6 source IP address
L3_PROTO
327
8
IPv6 next header.
Layer-4 Information
TCP_UDP
335
1
Frame type flag.
Set if frame is IPv6 TCP or UDP frame.
TCP
336
1
Frame type flag.
Set if frame is IPv6 TCP frame.
Table 43 •
Specific Fields for IS1 Full Key S1_7TUPLE (continued)
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com