Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 12Page - Microsemi Corporation VSC7511 Datasheet HTML 13Page - Microsemi Corporation VSC7511 Datasheet HTML 14Page - Microsemi Corporation VSC7511 Datasheet HTML 15Page - Microsemi Corporation VSC7511 Datasheet HTML 16Page - Microsemi Corporation VSC7511 Datasheet HTML 17Page - Microsemi Corporation VSC7511 Datasheet HTML 18Page - Microsemi Corporation VSC7511 Datasheet HTML 19Page - Microsemi Corporation VSC7511 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 324 page
background image
Revision History
VMDS-10488 VSC7511 Datasheet Revision 4.2
1
1
Revision History
1.1
This section describes the changes that were implemented in this document. The changes are listed by
revision, starting with the most current publication.
Revision 4.2
Revision 4.2 of this datasheet was published in
May 2019. The following is a summary of the changes
in revision 4.2 of this document.
•
VeriPHY descriptions were updated. For functional details of the VeriPHY suite and operating
instructions, see the ENT-AN0125 PHY, Integrated PHY-Switch VeriPHY - Cable Diagnostics
Application Note
.
1.2
Revision 4.1
Revision 4.1 of this datasheet was published in January 2018. The following is a summary of the
changes in revision 4.1 of this document.
•
The recovered clock settings table has been split into two. For more information, see Table 122,
page 153 and Table 123, page 153.
•
The SI timing master and slave mode specification sections were updated. For more information,
see SI Timing Master Mode Specifications, page 279 and SI Timing Slave Mode Specifications,
page 280.
•
The power supply sequencing sections were updated. For more information, see Power Supply
Sequencing, page 285 and SI Timing Slave Mode Specifications, page 280.
1.3
Revision 4.0
The following is a summary of the changes in revision 4.0 of this document.
•
Product overview was updated to add feature highlights. For more information, see General
Features, page 3.
•
Port modules description was updated to reflect available functionality. For more information, see
Port Modules, page 17.
•
Information about configuring I/O delays was added. For more information, see Configuring I/O
Delays, page 157.
•
Fan controller information was updated. For more information, see Fan Controller, page 211.
•
Electrical specifications were updated. For more information, see Electrical Specifications,
page 268.
•
Pin type symbols were defined and the pins by function table was updated. For more information,
see Table 245, page 286 and Pins by Function, page 287.
•
Moisture sensitivity level (MSL) is level 3.
•
ESD (electrostatic discharge) was added. For human body model (HBM), it is a Class 2 rating. For
charged device model (CDM), it is ±250 V.
•
Information on design guidelines was added. For more information, see Design Guidelines,
page 303.
•
Information on power supply sequencing was added. For more information, see Power Supply
Sequencing, page 285.
1.4
Revision 2.1
The following is a summary of the changes in revision 2.1 of this document.
•
References to DDR3/DDR3L were removed. For more information, see Electrical Specifications,
page 268.
•
Current and power consumption values were updated. For more information, see Table 243,
page 284.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com