Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 87 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 87 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 83Page - Microsemi Corporation VSC7511 Datasheet HTML 84Page - Microsemi Corporation VSC7511 Datasheet HTML 85Page - Microsemi Corporation VSC7511 Datasheet HTML 86Page - Microsemi Corporation VSC7511 Datasheet HTML 87Page - Microsemi Corporation VSC7511 Datasheet HTML 88Page - Microsemi Corporation VSC7511 Datasheet HTML 89Page - Microsemi Corporation VSC7511 Datasheet HTML 90Page - Microsemi Corporation VSC7511 Datasheet HTML 91Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
72
The following four tables provide information about how the full keys, S1_NORMAL_IP6, S1_7TUPLE,
and S1_5TUPLE_IP6, are generated. The first table lists the common fields between the full keys.
L4_RNG
148
8
Range mask with one bit per range. A bit is set, if the
corresponding range is matched.
Range types: SPORT, DPORT, SPORT or DPORT, VID,
DSCP
Input to range checkers:
SPORT/DPORT: From frame
VID: From frame if tagged, otherwise port’s VID
DSCP: Translated DSCP from the basic classification.
See Range Checkers, page 94.
IP_PAYLOAD_S1_5TUPLE 156
32
Payload after IPv4 or IPv6 header. For TCP and UDP
frames, this field contains the source and destination port
numbers.
Table 41 •
IS1 Common Key Fields for Full keys
Field Name
Bit
Width
Description
Lookup Information
IS1_TYPE_FULL
0
2
0: S1_NORMAL_IP6 entries.
1: S1_7TUPLE entries.
2: S1_5TUPLE_IP6 entries.
LOOKUP
2
2
0: First lookup.
1: Second lookup.
2: Third lookup.
Interface and Miscellaneous Information
IGR_PORT_MASK
4
12
Ingress port mask. VCAP generated with one bit set in the
mask corresponding to the ingress port.
RESERVED
16
9
Reserved. Must be set to don’t care.
OAM_Y1731
25
1
Set if frame is a Y.1731 frame with EtherType = 0x8902.
L2_MC
26
1
Set if frame’s destination MAC address is a multicast
address (bit 40 = 1).
L2_BC
27
1
Set if frame’s destination MAC address is the broadcast
address (FF-FF-FF-FF-FF-FF).
IP_MC
28
1
Set if frame is IPv4 frame and frame’s destination MAC
address is an IPv4 multicast address (0x01005E0 /25).
Set if frame is IPv6 frame and frame’s destination MAC
address is an IPv6 multicast address (0x3333/16).
Tagging Information
VLAN_TAGGED
29
1
Set if frame has one or more Q-tags. Independent of port
VLAN awareness.
VLAN_DBL_TAGGED 30
1
Set if frame has two or more Q-tags. Independent of port
VLAN awareness.
TPID
31
1
0: Customer TPID.
1: Service TPID (88A8 or programmable).
S1_NORMAL: TPID is derived from tag pointed to by
VCAP_CFG.S1_VLAN_INNER_TAG_ENA.
Table 40 •
Specific Fields for IS1 Half Key S1_5TUPLE_IP4 (continued)
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com