Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 43 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 43 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 39Page - Microsemi Corporation VSC7511 Datasheet HTML 40Page - Microsemi Corporation VSC7511 Datasheet HTML 41Page - Microsemi Corporation VSC7511 Datasheet HTML 42Page - Microsemi Corporation VSC7511 Datasheet HTML 43Page - Microsemi Corporation VSC7511 Datasheet HTML 44Page - Microsemi Corporation VSC7511 Datasheet HTML 45Page - Microsemi Corporation VSC7511 Datasheet HTML 46Page - Microsemi Corporation VSC7511 Datasheet HTML 47Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
28
3.3.6
SERDES1G Input Buffer Configuration
The SERDES1G input buffer supports the following configurable options:
•
100BASE-FX mode support
•
Signal detection, threshold configurable
•
Configurable equalization including corner frequency configuration for the equalization filter
•
DC voltage offset compensation
•
Configurable common mode voltage (CMV) termination
•
Selectable hysteresis, configurable hysteresis levels
When the SerDes interface operates in 100BASE-FX mode, the input buffer of the SERDES1G macro
must also be configured for 100BASE-FX (SERDES1G_IB_CFG.IB_FX100_ENA).
The input buffer provides an option to configure the threshold level of the signal detect circuit to adapt to
different input amplitudes. The signal detect circuit can be configured by
SERDES1G_IB_CFG.IB_ENA_DETLEV and SERDES1G_IB_CFG.IB_DET_LEV.
The SERDES1G block offers options to compensate for channel loss. Degraded signals can be
equalized, and the corner frequency of the equalization filter can be adapted to the channel behavior.
The equalization settings are configured by SERDES1G_IB_CFG.IB_EQ_GAIN and
SERDES1G_IB_CFG.IB_CORNER_FREQ.
The SERDES1G block can compensate for possible DC-offset, which can distort the received input
signal, by enabling SERDES1G_IB_CFG.IB_ENA_OFFSET_COMP during normal reception.
The common-mode voltage (CMV) input termination can be set to either an internal reference voltage or
to VDD_A. To allow external DC-coupling of the input buffer to an output buffer, set the CMV input
termination to the internal reference voltage, with internal DC-coupling disabled.
SERDES1G_IB_CFG.IB_ENA_DC_COUPLING controls internal DC-coupling, and
SERDES1G_IB_CFG.IB_ENA_CMV_TERM controls CMV input termination. The following modes are
defined by CMV input termination and DC-coupling.
•
SGMII compliant mode with external AC coupling (IB_ENA_DC_COUPLING = 0,
IB_ENA_CMV_TERM = 1)
•
Microsemi-mode with external DC-coupling to another Versatile output buffer, which can operate
DC-coupled to the input buffer (IB_ENA_DC_COUPLING = 0, IB_ENA_CMV_TERM = 0)
•
100BASE-FX low frequency mode (IB_ENA_DC_COUPLING = 1, IB_ENA_CMV_TERM = 1)
The SERDES1G macro supports input hysteresis, which is required for some standards (SGMII). The
hysteresis function is enabled by SERDES1G_IB_CFG.IB_ENA_HYST, and hysteresis levels are defined
by SERDES1G_IB_CFG.IB_HYST_LEV.
Note: Hysteresis and DC offset compensation cannot be enabled at the same time. For more information, see
IB_ENA_OFFSET_COMP in the SERDES1G_IB_CFG register.
3.3.7
SERDES1G Output Buffer Configuration
The SERDEDS1G output buffer supports the following configurable options.
•
Configurable amplitude settings
•
Configurable slew rate control
•
3 dB de-emphasis selectable
•
Idle mode
The output amplitude of the output buffer is controlled by SERDES1G_OB_CFG.OB_AMP_CTRL. It can
be adjusted in 50 mV steps from 0.4 V to 1.1 V peak-to-peak differential. The output amplitude also
depends on the output buffer’s supply voltage. For more information about dependencies between the
maximum achievable output amplitude and the output buffer’s supply voltage, refer to the electrical
section for the dependencies between the maximum achievable output amplitude and the output buffer’s
supply voltage.
Adjust the slew rate adjustment using SERDES1G_OB_CFG.OB_SLP.
The output buffer supports a fixed 3 dB de-emphasis (SERDES1G_SER_CFG.SER_DEEMPH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com