Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 28 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 24Page - Microsemi Corporation VSC7511 Datasheet HTML 25Page - Microsemi Corporation VSC7511 Datasheet HTML 26Page - Microsemi Corporation VSC7511 Datasheet HTML 27Page - Microsemi Corporation VSC7511 Datasheet HTML 28Page - Microsemi Corporation VSC7511 Datasheet HTML 29Page - Microsemi Corporation VSC7511 Datasheet HTML 30Page - Microsemi Corporation VSC7511 Datasheet HTML 31Page - Microsemi Corporation VSC7511 Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 324 page
background image
Product Overview
VMDS-10488 VSC7511 Datasheet Revision 4.2
13
Figure 5 •
Alternative Egress Scheduler and Shaper Configuration
2.3.7
Rewriter and Frame Departure
Before transmitting the frame on the egress line, the rewriter can modify selected fields in the frame,
such as VLAN tags, DSCP value, time stamping, and FCS.
The rewriter controls the final VLAN tagging of frames based on the classified VLAN, the VLAN pop
count, and egress-determined VLAN actions from the ES0 TCAM lookup. The egress VLAN actions are
by default given by the egress port settings. These include normal VLAN operations such as pushing a
VLAN tag, untagging for specific VLANs, and simple translations of DEI and PCP.
SE #146
S
High
Low
S
T
R
I
C
T
0
1
2
3
4
5
6
7
8
9
10
11
SE #0
S
0
1
2
3
4
5
6
7
8
9
10
11
F
B
R
R
Qo
S
#0
SE #7
S
0
1
2
3
4
5
6
7
8
9
10
11
F
B
R
R
Input port #0
Input port #1
Input port #2
Input port #3
Input port #4
Input port #5
Input port #6
Input port #7
Input port #8
Input port #9
Input port #10
ICPU (#11)
Input port #0
Input port #1
Input port #2
Input port #3
Input port #4
Input port #5
Input port #6
Input port #7
Input port #8
Input port #9
Input port #10
ICPU (#11)
Q-0
Q-11
Q-84
Q-95
Output Port
Shaper
QoS Class #7
Shaper
Virtual Input Queues
QoS Class 0
Virtual Input Queues
QoS Class 7
QoS Class #0
Shaper
Med
D
W
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com