Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 35 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 35 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 31Page - Microsemi Corporation VSC7511 Datasheet HTML 32Page - Microsemi Corporation VSC7511 Datasheet HTML 33Page - Microsemi Corporation VSC7511 Datasheet HTML 34Page - Microsemi Corporation VSC7511 Datasheet HTML 35Page - Microsemi Corporation VSC7511 Datasheet HTML 36Page - Microsemi Corporation VSC7511 Datasheet HTML 37Page - Microsemi Corporation VSC7511 Datasheet HTML 38Page - Microsemi Corporation VSC7511 Datasheet HTML 39Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
20
(MAC_FC_CFG.FC_LATENCY_CFG). The benefit of this approach is that the queue system is not
risking being overloaded with frames due to a non-complying link partner.
In half-duplex mode, the MAC does not react to received pause frames. If the flow control condition is
asserted by the ingress queues, the industry-standard backpressure mechanism is used. Together with
the ability to retransmit frames after excessive collisions
(MAC_HDX_CFG.RETRY_AFTER_EXC_COL_ENA), this enables non-dropping half-duplex flow
control.
3.2.1.6
Priority-Based Flow Control (IEEE 802.1Qbb)
The device supports priority-based flow control on all ports for all QoS classes. The following table lists
the specific registers associated with priority-based flow control.
The device provides independent support for transmission of pause frames and reaction to incoming
pause frames, which allows asymmetric flow control configurations.
The device obeys received pause frames per priority (ANA::PFC_CFG.RX_PFC_ENA) by pausing the
egress traffic according to the timer values specified in the pause frames. Transmission of frames
belonging to QoS class n is paused if bit n is set in the priority_enable_vector in the incoming pause
frame. The pause time for QoS class n is given by time[n] from the pause frame. The link speed must be
specified in order to evaluate the pause times (ANA::PFC_CFG.FC_LINK_SPEED).
The transmission of priority-based pause frames is triggered by assertion of a flow control condition in
the ingress queues caused by the memory consumption for a priority for an ingress port exceeding the
BUF_Q_RSRV_I watermark. For more information about the watermark, see Table 96, page 122. The
MAC handles the formatting and transmission of the priority-based pause frame. The following
configuration options are available:
•
Transmission of priority-based pause frames per QoS class
(QSYS::SWITCH_PORT-MODE.TX_PFC_ENA).
•
Pause timer value used in transmitted priority-based pause frames
(SYS::MAC_FC_CFG.PAUSE_VAL_CFG). All congested priorities use the same pause timer value.
Uncongested priorities use pause timer value 0.
•
Source MAC address used in transmitted priority-based pause frames (MAC_FC_MAC_HIGH_CFG,
MAC_FC_MAC_LOW_CFG).
•
Priority protection mode (QSYS::SWITCH_PORT_MODE.TX_PFC_MODE), which enables that
when a priority congests and causes a pause frame to be sent, then the pause frame will also pause
all lower priorities.
All transmitted priority-based pause frames have the priority_enable_vector set to 0xFF, independently of
whether a priority is enabled for flow control. However, the pause timer value, time[n], is always 0 for
disabled priorities.
Table 7 •
Priority-Based Flow Control Configuration Registers
Register
Description
Replication
SYS::MAC_FC_CFG
Flow control configuration
Per port
DEV::MAC_FC_MAC_LOW_CFG
LSB of SMAC used in pause frames
Per port
DEV::MAC_FC_MAC_HIGH_CFG
MSB of SMAC used in pause frames
Per port
ANA::PFC_CFG
Configuration of Rx priority-based flow
control per priority.
Per port
QSYS:SWITCH_PORT_MODE
Configuration of Tx priority-based flow
control per priority
Per port
DEV::PORT_MISC.FWD_CTRL_ENA Enabling forwarding of priority-based pause
frames to analyzer.
Per port
ANA::CPU_FWD_BPDU_CFG
Disable forwarding of priority-based pause
frames beyond the analyzer
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com