Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 45Page - Microsemi Corporation VSC7511 Datasheet HTML 46Page - Microsemi Corporation VSC7511 Datasheet HTML 47Page - Microsemi Corporation VSC7511 Datasheet HTML 48Page - Microsemi Corporation VSC7511 Datasheet HTML 49Page - Microsemi Corporation VSC7511 Datasheet HTML 50Page - Microsemi Corporation VSC7511 Datasheet HTML 51Page - Microsemi Corporation VSC7511 Datasheet HTML 52Page - Microsemi Corporation VSC7511 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
34
The output buffer provides the following additional options to configure its behavior.
•
Idle mode: Enabling idle mode (SERDES6G_OB_CFG.OB_IDLE) results in a remaining voltage of
less than 30 mV at the buffers differential outputs.
•
Slew Rate: Slew rate can be controlled by two configuration settings.
SERDES6G_OB_CFG.OB_SR_H provides coarse adjustments, and SERDES6G_OB_CFG.OB_SR
provides fine adjustments.
•
Skew control: In 1 Gbps SGMII mode, skew adjustment is controlled by
SERDES6G_OB_CFG1.OB_ENA_CAS. Skew control is not applicable to other modes.
3.4.8
SERDES6G Clock and Data Recovery (CDR) in 100BASE-FX
To enable clock and data recovery when operating SERDES6G in 100BASE-FX mode, set the following
register fields:
•
SERDES1G_MISC_CFG.DES_100FX_CPMD_ENA = 1
•
SERDES1G_IBJ_CFG.IB_FX100_ENA = 1
•
SERDES1G_DES_CFG.DES_CPMD_SEL = 2
3.4.9
Energy Efficient Ethernet
The SERDES6G block supports Energy Efficient Ethernet as defined in IEEE Draft P802.3az. To enable
the low power modes, SERDES6G_MISC_CFG.TX_LPI_MODE_ENA and
SERDES6G_MISC_CFG.RX_LPI_MODE_ENA must be set. At this point, the attached PCS takes full
control over the high-speed output and input buffer activity.
3.4.10
SERDES6G Data Inversion
The data streams in the transmit and the receive direction can be inverted using
SERDES6G_MISC_CFG.TX_DATA_INV_ENA and SERDES6G_MISC_CFG.RX_DATA_INV_ENA. This
effectively allows for swapping the P and N lines of the high-speed serial link.
3.4.11
SERDES6G Signal Detection Enhancements
Signal detect information from the SERDES6G macro is normally directly passed to the attached PCS. It
is possible to enable a hysteresis such that the signal detect condition must be active or inactive for a
certain time before it is signaled to the attached PCS.
The signal detect assertion time (the time signal detect must be active before the information is passed to
a PCS) is programmable in SERDES6G_DIG_CFG.SIGDET_AST. The signal detect de-assertion time
(the time signal detect must be inactive before the information is passed to a PCS) is programmable in
SERDES6G_DIG_CFG.SIGDET_DST.
3.4.12
High-Speed I/O Configuration Bus
The high-speed SerDes macros are configured using the high-speed I/O configuration bus (MCB), which
is a serial bus connecting the configuration register set with all the SerDes macros. The
HSIO::MCB_SERDES1G_ADDR_CFG register is used for SERDES1G macros and
HSIO::MCB_SERDES6G_ADDR_CFG register is used for SERDES6G macros. The configuration
busses are used for both writing to and reading from the macros.
The SERDES6G macros are programmed as follows:
•
Program the configuration registers for the SERDES6G macro. For more information about
configuration options, see SERDES6G, page 29.
•
Transfer the configuration from the configuration registers to one or more SerDes macros by writing
the address of the macro (MCB_SERDES6G_ADDR_CFG.SERDES6G_ADDR) and initiating the
write access (MCB_SERDES6G_ADDR_CFG.SERDES6G_WR_ONE_SHOT).
OB_POL
0
1
Non-inverting mode.
Inverting mode.
Table 20 •
De-Emphasis and Amplitude Configuration (continued)
Configuration
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com