Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 47 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 47 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 43Page - Microsemi Corporation VSC7511 Datasheet HTML 44Page - Microsemi Corporation VSC7511 Datasheet HTML 45Page - Microsemi Corporation VSC7511 Datasheet HTML 46Page - Microsemi Corporation VSC7511 Datasheet HTML 47Page - Microsemi Corporation VSC7511 Datasheet HTML 48Page - Microsemi Corporation VSC7511 Datasheet HTML 49Page - Microsemi Corporation VSC7511 Datasheet HTML 50Page - Microsemi Corporation VSC7511 Datasheet HTML 51Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
32
fco = 1/(2 × PI × 128 × PLL period × 32 × 2^(DES_BW_HYST + 1 – DES_BW_ANA))
PLL period = 1/(n × data rate)
where, n=1 (full rate mode) or 4 (quarter-rate mode)
The integrative regulator can compensate a static frequency offset within the programmed limits down to
a remaining frequency error of below 4 ppm. In steady state, the integrator toggles between two values
around the exact value, and the proportional part of the phase regulation takes care of the remaining
phase error. The loop bandwidth for the proportional part of the phase regulation loop is controlled by
configuring SERDES6G_DES_CFG.SW.ANA.
The fastest loop bandwidth setting (lowest configuration value) results in a loop bandwidth that is equal to
the maximum frequency offset compensation capability. For improved jitter performance, use a setting
with sufficient margin to track the expected frequency offset rather than using the maximum frequency
offset. For example, if a 100 ppm offset is expected, use a setting that is four times higher than the offset.
The following table provides the limits for the frequency offset compensation. The values are theoretical
limits for input signals without jitter, because the actual frequency offset compensation capability is
dependent on the toggle rate of the input data and the input jitter. Note that only applicable configuration
values are listed. HRATE and QRATE are the configuration settings of
SERDES6G_COMMON_CFG.HRATE and SERDES6G_COMMON_CFG.QRATE.
In the event of an 180° phase jump of the incoming data signal, the sampling stage of the deserializer
may become stuck. To prevent this situation, the SERDES6G provides a 180° deadlock protection
mechanism (SERDES6G_DES_CFG.DES_MBTR_CTRL). If this mechanism is enabled, a small
frequency offset is applied to the phase regulation loop. The offset is sufficient to move the sampling
point out of the 180° deadlock region, while at the same time, small enough to allow the regulation loop to
compensate when the sample point is within the data eye.
3.4.5
SERDES6G Serializer Configuration
The serializer provides the ability to align the phase of the internal clock and data to a selected source
(SERDES6G_SER_CFG.SER_ENALI). The phase align logic is used when SERDES6G operates in the
facility loopback mode.
3.4.6
SERDES6G Input Buffer Configuration
The SERDES6G input buffer supports configurable options for:
•
Automatic input voltage offset compensation
•
Loss of signal detection
The input buffer is typically AC-coupled. As a result, the common-mode termination is switched off
(SERDES6G_IB_CFG1.IB_CTERM_ENA). In order to support type-2 loads (DC-coupling at 1.0 V
termination voltage) according to the OIF CEI specifications, common-mode termination must be
enabled.
Table 19 •
SERDES6G Loop Bandwidth
DES_BW_ANA
Limits when
HRATE = 1
QRATE = 0
Limits when
HRATE = 0
QRATE = 1
2
1953 ppm
3
1953 ppm
977 ppm
4
977 ppm
488 ppm
5
488 ppm
244 ppm
6
244 ppm
122 ppm
7
122 ppm
61 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com