Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 29 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 29 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 25Page - Microsemi Corporation VSC7511 Datasheet HTML 26Page - Microsemi Corporation VSC7511 Datasheet HTML 27Page - Microsemi Corporation VSC7511 Datasheet HTML 28Page - Microsemi Corporation VSC7511 Datasheet HTML 29Page - Microsemi Corporation VSC7511 Datasheet HTML 30Page - Microsemi Corporation VSC7511 Datasheet HTML 31Page - Microsemi Corporation VSC7511 Datasheet HTML 32Page - Microsemi Corporation VSC7511 Datasheet HTML 33Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 324 page
background image
Product Overview
VMDS-10488 VSC7511 Datasheet Revision 4.2
14
Figure 6 •
Advanced Frame Rewriting
By using the egress TCAM, ES0, much more advanced VLAN tagging operations can be achieved. ES0
enables pushing up to two VLAN tags and allows for a flexible translation of the VLAN tag header. The
key into ES0 is the combination of the ingress port, the egress port, and the classified VLAN tag header.
The PCP and DEI bits in the VLAN tag are subject to remarking based on translating the classified tag
header or by using the classified QoS value and the frame’s drop precedence level from ingress.
In addition, the DSCP value in IP frames can be updated using the classified DSCP value and the
frame’s drop precedence level from ingress. The DSCP value can be remapped at egress before writing
it into the frame.
Finally, the rewriter updates the FCS if the frame was modified before the frame is transmitted.
The egress port module controls the flow control exchange of pause frames with a neighboring device
when the interconnection link operates in full-duplex flow control mode. When the connected device
triggers flow control through transmission of a pause frame, the MAC stops the egress scheduler’s
forwarding of frames out of the port. Traffic then builds up in the queue system, but sufficient queuing is
available to ensure wire speed loss-less operation.
In half-duplex operation, the port module’s egress path responds to back pressure generation from a
connected device by collision detection and frame retransmission.
2.3.8
CPU Port Module
The CPU port module contains eight CPU extraction queues and two CPU injection queues. These
queues provide an interface for exchanging frames between the internal CPU system and the switch
core. An external CPU using the serial interface can also inject and extract frames to and from the switch
core by using the CPU port module. Any Ethernet interface on the device can also be used for extracting
and injecting frames.
The switch core can intercept a variety of different frame types and copy or redirect these to the CPU
extraction queues. The classifier can identify a set of well-known frames such as IEEE, reserved
destination MAC addresses (BPDUs, GARPs, CCM/Link trace), and IP-specific frames (IGMP, MLD).
The security TCAM, IS2, provides another very flexible way of intercepting all kinds of frames, for
instance specific OAM frames, ARP frames or explicit applications based on TCP/UDP port numbers. In
addition, frames can be intercepted based on the MAC table, the VLAN table, or the learning process.
Whenever a frame is copied or redirected to the CPU, a CPU extraction queue number is associated with
the frame and used by the CPU port module when enqueuing the frame into the 8 CPU extraction
queues. The CPU extraction queue number is programmable for every interception option in the switch
core.
2.3.9
Synchronous Ethernet and Precision Time Protocol
The device supports Layer-1 ITU-T G.8261 Synchronous Ethernet and Layer-2 IEEE 1588 Precision
Time Protocol for synchronizing network timing throughout a network.
Advanced Frame Rewriting
ES0 Egress Lookup
ES0
Classified VLAN
Ingress port
VLAN Actions:
Tagging (push/pop 0-2 tags)
Translate/overwrite VLAN
Select S-tag/C-tag
Key:
Ingress port,
Egress port,
Classified VLAN
Egress port
VLAN pop count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com