Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 42 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 42 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 38Page - Microsemi Corporation VSC7511 Datasheet HTML 39Page - Microsemi Corporation VSC7511 Datasheet HTML 40Page - Microsemi Corporation VSC7511 Datasheet HTML 41Page - Microsemi Corporation VSC7511 Datasheet HTML 42Page - Microsemi Corporation VSC7511 Datasheet HTML 43Page - Microsemi Corporation VSC7511 Datasheet HTML 44Page - Microsemi Corporation VSC7511 Datasheet HTML 45Page - Microsemi Corporation VSC7511 Datasheet HTML 46Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
27
3.3.4
SERDES1G Deserializer Configuration
The SERDES1G block includes digital control logic that interacts with the analog modules within the
block and compensates for the frequency offset between the received data and the internal high-speed
reference clock. To gain high jitter performance, the phase regulation is a PI-type regulator, whose
proportional (P) and integrative (I) characteristics can be independently configured. The integrative part
of the phase regulation loop is configured inSERDES1G_DES_CFG.DES_PHS_CTRL. The limits of the
integrator are programmable, allowing different settings for the integrative regulation while guaranteeing
that the proportional part still is stronger than the integrative part. Integrative regulation compensates
frequency modulation from DC up to cut-off frequency. Frequencies above the cut-off frequency are
compensated by the proportional part. The time constant of the integrator is controlled independently of
the proportional regulation by SERDES1G_DES_CFG.DES_BW_HYST. The DES_BW_HYST register
field is programmable in a range from 3 to 7. The lower the configuration setting, the smaller the time-
constant of the integrative regulation. For normal operation, configure DES_BW_HYST to 5.
The cut-off-frequency is calculated to:
fco = 1/(2 × PI × 128 × PLL period × 32 × 2^(DES_BW_HYST + 1 – DES_BW_ANA))
PLL period = 1/(data rate)
The integrative regulator can compensate a static frequency offset within the programmed limits down to
a remaining frequency error of below 4 ppm. In steady state, the integrator toggles between two values
around the exact value, and the proportional part of the phase regulation takes care of the remaining
phase error.
The loop bandwidth for the proportional part of the phase regulation loop is controlled by configuring
SERDES1G_DES_CFG.DES_BW_ANA.
The fastest loop bandwidth setting (lowest configuration value) results in a loop bandwidth that is equal to
the maximum frequency offset compensation capability. For improved jitter performance, use a setting
with sufficient margin to track the expected frequency offset rather than using the maximum frequency
offset. For example, if a 100 ppm offset is expected, use a setting that is four times higher than the offset.
The following table provides the limits for the frequency offset compensation. The values are theoretical
limits for input signals without jitter, because the actual frequency offset compensation capability is
dependent on the toggle rate of the input data and the input jitter. Note that only applicable configuration
values are listed.
In the event of an 180° phase jump of the incoming data signal, the sampling stage of the deserializer
may become stuck. To prevent this situation, the SERDES1G provides a 180° deadlock protection
mechanism (SERDES1G_DES_CFG.DES_MBTR_CTRL). If this mechanism is enabled, a small
frequency offset is applied to the phase regulation loop. The offset is sufficient to move the sampling
point out of the 180° deadlock region, while at the same time, small enough to allow the regulation loop to
compensate when the sample point is within the data eye.
3.3.5
SERDES1G Serializer Configuration
The serializer provides the ability to align the phase of the internal clock and data to a selected source
(SERDES1G_SER_CFG.SER_ENALI). The phase align logic is used when SERDES1G operates in the
facility loopback mode.
Table 15 •
SERDES1G Loop Bandwidth
DES_BW_ANA
Limits
4
1953 ppm
5
977 ppm
6
488 ppm
7
244 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com