Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 56 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 56 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 52Page - Microsemi Corporation VSC7511 Datasheet HTML 53Page - Microsemi Corporation VSC7511 Datasheet HTML 54Page - Microsemi Corporation VSC7511 Datasheet HTML 55Page - Microsemi Corporation VSC7511 Datasheet HTML 56Page - Microsemi Corporation VSC7511 Datasheet HTML 57Page - Microsemi Corporation VSC7511 Datasheet HTML 58Page - Microsemi Corporation VSC7511 Datasheet HTML 59Page - Microsemi Corporation VSC7511 Datasheet HTML 60Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
41
for power-sensitive applications. It uses a signal detect function that monitors the media interface for the
presence of a link to determine when to automatically power-down the PHY. The PHY “wakes up” at a
programmable interval and attempts to wake-up the link partner PHY by sending a burst of FLP over
copper media.
The ActiPHY power management mode in the integrated transceivers is enabled on a per-port basis
during normal operation at any time by setting PHY_AUX_CTRL_STAT.ACTIPHY_ENA to 1.
Three operating states are possible when ActiPHY mode is enabled:
•
Low power state
•
LP wake-up state
•
Normal operating state (link up state)
The PHY switches between the low power state and the LP wake-up state at a programmable rate (the
default is two seconds) until signal energy is detected on the media interface pins. When signal energy is
detected, the PHY enters the normal operating state. If the PHY is in its normal operating state and the
link fails, the PHY returns to the low power state after the expiration of the link status time-out timer. After
reset, the PHY enters the low power state.
When auto-negotiation is enabled in the PHY, the ActiPHY state machine operates as described. If auto-
negotiation is disabled and the link is forced to use 10BT or 100BTX modes while the PHY is in its low
power state, the PHY continues to transition between the low power and LP wake-up states until signal
energy is detected on the media pins. At that time, the PHY transitions to the normal operating state and
stays in that state even when the link is dropped. If auto-negotiation is disabled while the PHY is in the
normal operation state, the PHY stays in that state when the link is dropped and does not transition back
to the low power state.
The following illustration shows the relationship between ActiPHY states and timers.
Figure 14 •
ActiPHY State Diagram
3.5.6.1
Low Power State
All major digital blocks are powered down in the lower power state.
In this state, the PHY monitors the media interface pins for signal energy. The PHY comes out of low
power state and transitions to the normal operating state when signal energy is detected on the media.
This happens when the PHY is connected to one of the following:
•
Auto-negotiation capable link partner
•
Another PHY in enhanced ActiPHY LP wake-up state
In the absence of signal energy on the media pins, the PHY transitions from the low power state to the
LP wake-up state periodically based on the programmable sleep timer
Low Power State
LP Wake-up
State
Normal
Operation State
Signal Energy Detected on
Media
Timeout Timer Expires and
Auto-negotiation Enabled
Sleep Timer Expires
FLP Burst or
Clause 37 Restart
Signal Sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com