Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 32 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 32 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 28Page - Microsemi Corporation VSC7511 Datasheet HTML 29Page - Microsemi Corporation VSC7511 Datasheet HTML 30Page - Microsemi Corporation VSC7511 Datasheet HTML 31Page - Microsemi Corporation VSC7511 Datasheet HTML 32Page - Microsemi Corporation VSC7511 Datasheet HTML 33Page - Microsemi Corporation VSC7511 Datasheet HTML 34Page - Microsemi Corporation VSC7511 Datasheet HTML 35Page - Microsemi Corporation VSC7511 Datasheet HTML 36Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
17
3.1.1
Supported SerDes Interfaces
The device support a range of SerDes interfaces. The following table lists the SerDes interfaces
supported by the SerDes ports, including standards, data rates, connectors, medium, and coding for
each interface.
3.1.2
PCIe Mode
SerDes macro SERDES6G_2 can either be used as a standard Ethernet interface or as a PCIe interface.
This is controlled in HSIO::HW_CFG.PCIE_ENA. When PCIe is enabled, port 10 cannot be used in
option 0 as the SerDes is occupied by the PCIe.
3.1.3
Logical Port Numbers
The analyzer and the rewriter uses in many places a logical port number. For instance, when link
aggregation is enabled, all ports within a link aggregation group must be configured to use the physical
port number of the port with the lowest port number within the group as logical port group ID. The
mapping to a logical port number is configured in ANA:PORT:PORT_CFG.PORTID_VAL.
3.2
Port Modules
All port modules contain a MAC. Ports connecting to a high-speed I/O SerDes macro also contain a PCS.
3.2.1
MAC
This section provides information about the high-level functionality and the configuration options of the
Media Access Controller (MAC) that is used in each of the port modules.
The MAC supports the following speeds and duplex modes:
•
SERDES1G ports: 10/100/1000 Mbps in full-duplex mode and 10/100 Mbps in half-duplex mode
•
SERDES6G ports: 10/100/1000/2500 Mbps in full-duplex mode and 10/100 Mbps in half-duplex
mode.
The following table lists the registers associated with configuring the MAC.
Table 5 •
Supported SerDes Interfaces
Port Interface Specification
Port Speed Data Rate
Connector Medium
Coding
100BASE-FX
IEEE 802.3, Clause 24 100M
125 Mbps
SFP
PCB
4B5B
x x
SGMII
Cisco
1G
1.25 Gbps
PCB
8B10B
x x
SFP
SFP-MSA
1G
1.25 Gbps
SFP
PCB
8B10B
x x
1000BASE-KX IEEE802.3, Clause 70 1G
1.25 Gbps
PCB,
backplane
8B10B
x x
2.5G
Proprietary (aligned to
SFP)
2.5G
3.125 Gbps
PCB
8B10B
x
Table 6 •
MAC Configuration Registers
Register
Description
Replication
DEV::CLOCK_CFG
Reset and speed configuration
Per port
DEV::MAC_ENA_CFG
Enabling of Rx and Tx data paths
Per port
DEV::MAC_MODE_CFG
Port mode configuration
Per port
DEV::MAC_MAXLEN_CFG
Maximum length configuration
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com