Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 59 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 59 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 55Page - Microsemi Corporation VSC7511 Datasheet HTML 56Page - Microsemi Corporation VSC7511 Datasheet HTML 57Page - Microsemi Corporation VSC7511 Datasheet HTML 58Page - Microsemi Corporation VSC7511 Datasheet HTML 59Page - Microsemi Corporation VSC7511 Datasheet HTML 60Page - Microsemi Corporation VSC7511 Datasheet HTML 61Page - Microsemi Corporation VSC7511 Datasheet HTML 62Page - Microsemi Corporation VSC7511 Datasheet HTML 63Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
44
3.6
Statistics
The following table lists the registers for the statistics module.
The device implements a statistics block containing the following counter groups:
•
Receive statistics available per physical ingress port
•
Transmit statistics available per physical egress port
•
FIFO Drop statistics available per physical ingress port
Each counter is 32 bits wide, which is large enough to ensure a wrap-around time longer than 13
seconds for port statistics on a 2.5G port and longer than 30 seconds for port statistics on a 1G port.
Each switch core port has 44 Rx counters, 18 FIFO drop counters, and 31 Tx counters. The following
lists the counters.
3.6.1
Port Statistics
The following table defines the per-port available Rx counters and lists the counter’s address in the
common statistics block.
Table 22 •
Counter Registers
Register
Description
Replication
SYS:STAT:CNT
Data register for reading port counters.
The current view is specified in
SYS::STAT_CFG.STAT_VIEW.
Per counter
for specified
port
SYS::STAT_CFG.STAT_VIEW
Sets the current counter view.
None
SYS::STAT_CFG.STAT_CLEAR_SHOT
Clears counters per counter group.
None
QSYS::STAT_CNT_CFG.TX_GREEN_CNT_MODE
QSYS::STAT_CNT_CFG.TX_YELLOW_CNT_MODE
Controls whether to counts bytes or
frames for Tx priority counters.
None
QSYS::STAT_CNT_CFG.DROP_GREEN_CNT_MODE
QSYS::STAT_CNT_CFG.DROP_YELLOW_CNT_MODE
Controls whether to counts bytes or
frames for drop priority counters.
None
ANA::AGENCTRL.GREEN_COUNT_MODE
ANA::AGENCTRL.YELLOW_COUNT_MODE
ANA::AGENCTRL.RED_COUNT_MODE
Controls whether to counts bytes or
frames for Rx priority counters.
None
Table 23 •
Receive Counters in the Statistics Block
Type
Short Name
Counter
Address Description
Rx
c_rx_oct
0x00
Received octets in good and bad frames.
Rx
c_rx_uc
0x01
Number of good broadcasts.
Rx
c_rx_mc
0x02
Number of good multicasts.
Rx
c_rx_bc
0x03
Number of good unicasts.
Rx
c_rx_short
0x04
Number of short frames with valid CRC (<64 bytes).
Rx
c_rx_frag
0x05
Number of short frames with invalid CRC (<64 bytes).
Rx
c_rx_jabber
0x06
Number of long frames with invalid CRC (according to
MAXLEN.MAX_LENGTH).
Rx
c_rx_crc
0x07
Number of CRC errors, alignment errors and RX_ER
events.
Rx
c_rx_symbol_err
0x08
Number of frames with RX_ER events.
Rx
c_rx_sz_64
0x09
Number of 64-byte frames in good and bad frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com