Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 97 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 97 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 93Page - Microsemi Corporation VSC7511 Datasheet HTML 94Page - Microsemi Corporation VSC7511 Datasheet HTML 95Page - Microsemi Corporation VSC7511 Datasheet HTML 96Page - Microsemi Corporation VSC7511 Datasheet HTML 97Page - Microsemi Corporation VSC7511 Datasheet HTML 98Page - Microsemi Corporation VSC7511 Datasheet HTML 99Page - Microsemi Corporation VSC7511 Datasheet HTML 100Page - Microsemi Corporation VSC7511 Datasheet HTML 101Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
82
L2_PAYLOAD1
174
8
Payload byte 4 after the frame’s EtherType.
This is specifically for PTP frames.
L2_PAYLOAD2
182
3
Bits 7, 2, and 1 from payload byte 6 after the frame’s
EtherType.
This is specifically for PTP frames.
Table 48 •
IS2 MAC_LLC Key
Field Name
Bit
Width
Description
Layer-2 Information
L2_DMAC
46
48
Frame’s destination MAC address
L2_SMAC
94
48
Frame’s source MAC address
L2_LLC
142
40
LLC header and data after up to two VLAN tags and the
type/length field.
Table 49 •
IS2 MAC_SNAP Key
Field Name
Bit
Width
Description
Layer-2 Information
L2_DMAC
46
48
Frame’s destination MAC address
L2_SMAC
94
48
Frame’s source MAC address
L2_SNAP
142
40
SNAP header after LLC header (AA-AA-03).
Table 50 •
IS2 ARP Key
Field Name
Bit
Width
Description
Layer-2 Information
L2_SMAC
46
48
Frame’s source MAC address
Layer-3 Information
ARP_ADDR_SPACE_OK
94
1
Set if hardware address is Ethernet.
ARP_PROTO_SPACE_OK
95
1
Set if protocol address space is IP.
ARP_LEN_OK
96
1
Set if hardware address length = 6 (Ethernet) and
IP address length = 4 (IP).
ARP_TARGET_MATCH
97
1
Target hardware address = SMAC (RARP).
ARP_SENDER_MATCH
98
1
Sender hardware address = SMAC (ARP).
ARP_OPCODE_UNKNOWN 99
1
Set if ARP opcode is none of the below are
mentioned.
ARP_OPCODE
100
2
0: ARP request
1: ARP reply.
2: RARP request.
3: RARP reply.
L3_IP4_DIP
102
32
Target IPv4 address.
L3_IP4_SIP
134
32
Sender IPv4 address.
Table 47 •
IS2 MAC_ETYPE Key (continued)
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com