Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 50 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 50 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 46Page - Microsemi Corporation VSC7511 Datasheet HTML 47Page - Microsemi Corporation VSC7511 Datasheet HTML 48Page - Microsemi Corporation VSC7511 Datasheet HTML 49Page - Microsemi Corporation VSC7511 Datasheet HTML 50Page - Microsemi Corporation VSC7511 Datasheet HTML 51Page - Microsemi Corporation VSC7511 Datasheet HTML 52Page - Microsemi Corporation VSC7511 Datasheet HTML 53Page - Microsemi Corporation VSC7511 Datasheet HTML 54Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
35
•
The SerDes macro address is a mask with one bit per macro so that one or more macros can be
programmed at the same time.
•
The MCB_SERDES6G_ADDR_CFG.SERDES6G_WR_ONE_SHOT are automatically cleared
when the writing is done.
The configuration and status information in the SERDES6G macros can be read as follows:
•
Transfer the configuration and status from one or more SerDes macros to the configuration registers
by writing the address of the macro (MCB_SERDES6G_ADDR_CFG.SERDES6G_ADDR) and
initiating the read access (MCB_SERDES6G_ADDR_CFG.SERDES6G_RD_ONE_SHOT).
•
The SerDes macro address is a mask with one bit per macro so that configuration and status
information from one or more macros can be read at the same time. When reading from more than
one macro, the results from each macro are OR’ed together.
•
The MCB_SERDES6G_ADDR_CFG.SERDES6G_RD_ONE_SHOT are automatically cleared when
the reading is done.
The SERDES1G macros are programmed similarly to the SERDES6G macros, except that
MCB_SERDES1G_ADDR_CFG must be used for register access. For more information about
configuration options, see SERDES1G, page 25.
3.5
Copper Transceivers
This section describes the high-level functionality and operation of four built-in copper transceivers. The
integration is kept as close to multichip PHY and switch designs as possible. This allows a fast path for
software already running in a similar distributed design while still benefiting from the cost savings
provided by the integration.
3.5.1
Register Access
The registers of the integrated transceivers are not placed in the memory map of the switch, but are
attached instead to the built-in MII management controller 0 of the device. As a result, PHY registers are
accessed indirectly through the switch registers. For more information, see MII Management Controller,
page 201.
In addition to providing the IEEE 802.3 specified 16 MII Standard Set registers, the PHYs contain an
extended set of registers that provide additional functionality. The devices support the following types of
registers:
•
IEEE Clause 22 device registers with addresses from 0 to 31
•
Two pages of extended registers with addresses from 16E1 through 30E1 and 16E2 through 30E2
•
General-purpose registers with addresses from 0G to 30G
•
IEEE Clause 45 device registers accessible through the Clause 22 registers 13 and 14 to support
IEEE 802.3az Energy Efficient Ethernet registers
The memory mapping is controlled through PHY_MEMORY_PAGE_ACCESS::PAGE_ACCESS_CFG.
The following illustration shows the relationship between the device registers and their address spaces.
Figure 9 •
Register Space Layout
IEEE 802.3
Standard
Registers
Main Registers
0x0000
0
1
2
3
.
.
.
13
14
15
16
17
18
19
.
.
.
.
.
30
31
Extended
Registers 1
0x0001
16E1
17E1
18E1
19E1
.
.
.
.
.
30E1
Extended
Registers 2
0x0002
16E2
17E2
18E2
19E2
.
.
.
.
.
30E2
Extended
Registers 3
0x0003
16E3
17E3
18E3
19E3
.
.
.
.
.
30E3
General Purpose
Registers
0x0010
0G
1G
2G
3G
.
.
.
.
.
15G
16G
17G
18G
19G
.
.
.
.
.
30G
Clause 45
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com