Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 22 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 18Page - Microsemi Corporation VSC7511 Datasheet HTML 19Page - Microsemi Corporation VSC7511 Datasheet HTML 20Page - Microsemi Corporation VSC7511 Datasheet HTML 21Page - Microsemi Corporation VSC7511 Datasheet HTML 22Page - Microsemi Corporation VSC7511 Datasheet HTML 23Page - Microsemi Corporation VSC7511 Datasheet HTML 24Page - Microsemi Corporation VSC7511 Datasheet HTML 25Page - Microsemi Corporation VSC7511 Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 324 page
background image
Product Overview
VMDS-10488 VSC7511 Datasheet Revision 4.2
7
Figure 1 •
Block Diagram
2.3.1
Frame Arrival
The Ethernet interfaces receive incoming frames and forwards these to the port modules. The 2.5G
SGMII ports support both 100BASE-X and 1000BASE-X-SERDES.
Each port module contains a Media Access Controller (MAC) that performs a full suite of checks, such as
VLAN Tag aware frame size checking, Frame Check Sequence (FCS) checking, and Pause frame
identification.
Each port module that connects to a SerDes block contains a Physical Coding Sublayer (PCS), which
perform 8 bits/10 bits encoding, auto-negotiation of link speed and duplex mode, and monitoring of the
link status.
Full-duplex is supported for all speeds, and half-duplex is supported for 10 Mbps and 100 Mbps.
Symmetric and asymmetric pause flow control are both supported as well as priority-based flow control
(IEEE 802.1Qbb).
All Ethernet ports support Energy Efficient Ethernet (EEE) according to IEEE 802.3az. The shared queue
system is capable of controlling the operating states, active or low-power, of the PCS. The PCS
understands the line signaling as required for EEE. This includes signaling of active, sleep, quiet, refresh,
and wake.
Analyzer
Ingress Processing
Rewriter
Egress Processing
Shared Memory Pool
Memory Controller
Shaper and Scheduler
GPIO
nRESET
GPIO functions:
LED, serial GPIO, UART,
two-wire serial interface,
IRQ, MIIM, LOS,
SyncE, 1588, RefClk
Discard Statistics
Shared Queue System
Automated Frame
Injection
CuPHY 1G Port Modules
MAC,
1588 Time Stamping
x4
Frame Bus
VCore Arbiter
VCore CPU Bus
Switch Core
Registers
VCore SBA
Access
Block
Temperature
Sensor
Interrupt
Controller
Timers
Switch Core
Access
Block
SI Slave
Frame DMA
(FDMA)
Manual Frame
Inject/Extract
MIIM Slave
8051
VRAP
Ethernet Register
Access
Port L2CP Handling
Ingress Classification
(VLAN, QoS class)
QoS Mapping
Access Control Lists
Policing
(Port, QoS, ACL)
Forwarding L2
IEEE1588 Engine
Egress VCAP Lookup
IEEE1588 Engine
Frame Editing:
VLAN tags
DSCP
IEEE1588
L2/L3/L4
Protection Switching
PCIE
(Optional instead of NPI)
PCIe
SI
SI
22
1G CuPHY
1000BASE-T
x4
SerDes6G
Lane
2.5G Port Modules
MAC, PCS
1588 Time Stamping
x1
NPI
2.5G SGMII
1G SGMII
100BASE-FX
x1
1G Port Modules
MAC,
1588 Time Stamping
x4
SerDes1G/6G
Lane
x4
1G SGMII
100BASE-FX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com