Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 91 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 91 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 87Page - Microsemi Corporation VSC7511 Datasheet HTML 88Page - Microsemi Corporation VSC7511 Datasheet HTML 89Page - Microsemi Corporation VSC7511 Datasheet HTML 90Page - Microsemi Corporation VSC7511 Datasheet HTML 91Page - Microsemi Corporation VSC7511 Datasheet HTML 92Page - Microsemi Corporation VSC7511 Datasheet HTML 93Page - Microsemi Corporation VSC7511 Datasheet HTML 94Page - Microsemi Corporation VSC7511 Datasheet HTML 95Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
76
Fields not applicable to a certain frame type (for example, L3_OPTIONS for an IPv6 frame) must be set
to don’t care for entries the frame type can match.
If L3_FRAGMENT or L3_OPTIONS are set to 1 or set to don’t care, Layer 4 information cannot be
trusted and should be set to don’t-care for such entries.
3.8.2.2
IS1 Action Encoding
The VCAP generates an action vector from each of the three IS1 lookups. All matches return the same
action vector, independently of the match entry type. The action vectors are combined into one action
vector, which is applied to the classification of the frame.
There are no default action vectors for the IS1.
The following table lists the available fields for the IS1 action vector.
L4_RNG
337
8
Range mask with one bit per range. A bit is set, if the
corresponding range is matched.
Range types: SPORT, DPORT, SPORT or DPORT, VID,
DSCP
Input to range checkers:
SPORT/DPORT: From frame
VID: From frame if tagged, otherwise port’s VID
DSCP: Translated DSCP from the basic classification.
See Range Checkers, page 94.
IP_PAYLOAD_S1_5TUPLE 345
32
Payload after IPv6 header. For TCP and UDP frames, this
field contains the source and destination port numbers.
Table 45 •
IS1 Action Fields
Action Field
Bit
Width
Description
DSCP_ENA
0
1
If set, use DSCP_VAL as classified DSCP value.
Otherwise, DSCP value from basic classification is
used.
DSCP_VAL
1
6
See DSCP_ENA.
QOS_ENA
7
1
If set, use QOS_VAL as classified QoS class.
Otherwise, QoS class from basic classification is used.
QOS_VAL
8
3
See QOS_ENA.
DP_ENA
11
1
If set, use DP_VAL as classified drop precedence level.
Otherwise, drop precedence level from basic
classification is used.
DP_VAL
12
1
See DP_ENA.
PAG_OVERRIDE_MASK
13
8
Bits set in this mask will override PAG_VAL from port
profile.
New PAG =
(PAG (input) AND ~PAG_OVERRIDE_MASK) OR
(PAG_VAL AND PAG_OVERRIDE_MASK)
PAG_VAL
21
8
See PAG_OVERRIDE_MASK.
RESERVED
29
9
Reserved. Must be set to 0.
Table 44 •
Specific Fields for IS1 Full Key S1_5TUPLE_IP6 (continued)
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com