Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 82 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 82 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 78Page - Microsemi Corporation VSC7511 Datasheet HTML 79Page - Microsemi Corporation VSC7511 Datasheet HTML 80Page - Microsemi Corporation VSC7511 Datasheet HTML 81Page - Microsemi Corporation VSC7511 Datasheet HTML 82Page - Microsemi Corporation VSC7511 Datasheet HTML 83Page - Microsemi Corporation VSC7511 Datasheet HTML 84Page - Microsemi Corporation VSC7511 Datasheet HTML 85Page - Microsemi Corporation VSC7511 Datasheet HTML 86Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
67
The following table provides information about how the quad key, S1_DBL_VID is generated.
Table 37 •
Specific Fields for IS1 Quad Key S1_DBL_VID
Field Name
Bit
Width Description
Lookup Information
LOOKUP
0
2
0: First lookup
1: Second lookup
2: Third lookup
Interface and Miscellaneous Information
IGR_PORT_MASK
2
12
Ingress port mask. VCAP generated with one bit set in the
mask corresponding to the ingress port.
RESERVED
14
9
Reserved. Must be set to don’t care.
OAM_Y1731
23
1
Set if frame is a Y.1731 OAM frame with EtherType = 0x8902.
L2_MC
24
1
Set if frame’s destination MAC address is a multicast address
(bit 40 = 1)
L2_BC
15
1
Set if frame’s destination MAC address is the broadcast
address (FF-FF-FF-FF-FF-FF)
IP_MC
26
1
Set if frame is IPv4 frame and frame’s destination MAC
address is an IPv4 multicast address (0x01005E0 /25).
Set if frame is IPv6 frame and frame’s destination MAC
address is an IPv6 multicast address (0x3333/16).
Tagging Information
VLAN_TAGGED
27
1
Set if frame has one or more Q-tags. Independent of port
VLAN awareness.
VLAN_DBL_TAGGE
D
28
1
Set if frame has two or more Q-tags. Independent of port
VLAN awareness.
TPID
29
1
0: Customer TPID
1: Service TPID (88A8 or programmable).
S1_NORMAL: TPID is derived from tag pointed to by
VCAP_CFG.S1_VLAN_INNER_TAG_ENA.
VID
30
12
Frame’s VID if frame is tagged, otherwise port default.
S1_NORMAL: VID is taken from tag pointed to by
VCAP_CFG.S1_VLAN_INNER_TAG_ENA.
DEI
42
1
Frame’s DEI if frame is tagged, otherwise port default.
S1_NORMAL: DEI is taken from tag pointed to by
VCAP_CFG.S1_VLAN_INNER_TAG_ENA.
PCP
43
3
Frame’s PCP if frame is tagged, otherwise port default.
S1_NORMAL: PCP is taken from tag pointed to by
VCAP_CFG.S1_VLAN_INNER_TAG_ENA.
INNER_TPID
46
1
TPID for inner tag:
0: Customer TPID.
1: Service TPID (88A8 or programmable).
INNER_VID
47
12
Frame’s inner VID if frame is double tagged.
INNER_DEI
59
1
Frame’s inner DEI if frame is double tagged.
INNER_PCP
60
3
Frame’s inner PCP if frame is double tagged.
Layer 2 Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com