Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 83 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 83 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 79Page - Microsemi Corporation VSC7511 Datasheet HTML 80Page - Microsemi Corporation VSC7511 Datasheet HTML 81Page - Microsemi Corporation VSC7511 Datasheet HTML 82Page - Microsemi Corporation VSC7511 Datasheet HTML 83Page - Microsemi Corporation VSC7511 Datasheet HTML 84Page - Microsemi Corporation VSC7511 Datasheet HTML 85Page - Microsemi Corporation VSC7511 Datasheet HTML 86Page - Microsemi Corporation VSC7511 Datasheet HTML 87Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
68
The following three tables provide information about how the half keys, S1_NORMAL and
S1_5TUPLE_IP4, are generated. The first table lists the common fields between the half keys.
ETYPE_LEN
63
1
Frame type flag.
Set if frame has EtherType >= 0x600 (Frame is type
encoded). Otherwise cleared (Frame is length encoded).
ETYPE
64
16
Overloaded field for different frame types:
LLC frame: ETYPE = [DSAP, SSAP]
SNAP frame: ETYPE = PID[4:3]
IPv4 or IPv6 TCP/UDP frame: ETYPE = DPORT
IPv4 or IPv6 Other frame: ETYPE = IP protocol
ARP or ETYPE frame: ETYPE = Frame’s EtherType.
Y.1731 OAM frames (EtherType = 0x8902):
ETYPE[15:8] = 0x89.
ETYPE[7]: Set if the frames was injected with masquerading.
ETYPE[6:0]: Encodes the frame’s MEG level. For more
information, see OAM_MEL_FLAGS Table 54, page 85.
To indicate the overloading of the ETYPE field, OAM_Y1731
is set to 1.
IP_SNAP
80
1
Frame type flag.
Set if frame is IPv4, IPv6, or SNAP frame.
IP4
81
1
Frame type flag.
Set if frame is IPv4 frame
Layer 3 Information
L3_FRAGMENT
82
1
Set if IPv4 frame is fragmented (More Fragments flag = 1 or
Fragments Offset > 0).
Layer 4 information cannot not be trusted.
L3_FRAG_OFS_GT
0
83
1
Set if IPv4 frame is fragmented and it is not the first fragment
(Fragments Offset > 0).
Layer 4 information cannot not be trusted.
L3_OPTIONS
84
1
Set if IPv4 frame contains options (IP len > 5). IP options are
not skipped nor parsed.
Layer 4 information cannot not be trusted.
L3_DSCP
85
6
Frame’s DSCP value. The DSCP value may have been
translated during basic classification. See QoS, DP, and
DSCP Classification, page 53.
Layer 4 Information
TCP_UDP
91
1
Frame type flag.
Set if frame is IPv4/IPv6 TCP or UDP frame.
TCP
92
1
Frame type flag.
Set if frame is IPv4/IPv6 TCP frame.
Table 38 •
IS1 Common Key Fields for Half keys
Field Name
Bit Width
Description
Lookup Information
IS1_TYPE_HALF
0
1
0: S1_NORMAL entries.
1: S1_5TUPLE_IP4 entries.
Table 37 •
Specific Fields for IS1 Quad Key S1_DBL_VID (continued)
Field Name
Bit
Width Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com