Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7511 Datasheet(PDF) 44 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 44 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 40Page - Microsemi Corporation VSC7511 Datasheet HTML 41Page - Microsemi Corporation VSC7511 Datasheet HTML 42Page - Microsemi Corporation VSC7511 Datasheet HTML 43Page - Microsemi Corporation VSC7511 Datasheet HTML 44Page - Microsemi Corporation VSC7511 Datasheet HTML 45Page - Microsemi Corporation VSC7511 Datasheet HTML 46Page - Microsemi Corporation VSC7511 Datasheet HTML 47Page - Microsemi Corporation VSC7511 Datasheet HTML 48Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
29
The output buffer supports an idle mode (SERDES1G_SER_CFG.SER_IDLE), which results in an
differential peak-to-peak output amplitude of less than 30 mV.
3.3.8
SERDES1G Clock and Data Recovery (CDR) in 100BASE-FX
To enable clock and data recovery when operating the SERDES1G in 100BASE-FX mode, set the
following registers.
•
SERDES1G_MISC_CFG.DES_100FX_CPMD_ENA = 1
•
SERDES1G_IBJ_CFG.IB_FX100_ENA = 1
•
SERDES1G_DES_CFG.DES_CPMD_SEL = 2
3.3.9
Energy Efficient Ethernet
The SERDES1G block supports Energy Efficient Ethernet as defined in IEEE 802.3az. To enable the low
power modes, SERDES1G_MISC_CFG.TX_LPI_MODE_ENA and
SERDES1G_MISC_CFG.RX_LPI_MODE_ENA must be set. At this point, the attached PCS takes full
control over the high-speed output and input buffer activity.
3.3.10
SERDES1G Data Inversion
The data streams in the transmit and the receive direction can be inverted using
SERDES1G_MISC_CFG.TX_DATA_INV_ENA and SERDES1G_MISC_CFG.RX_DATA_INV_ENA.
Effectively this allows for swapping the P and N lines of the high-speed serial link.
3.4
SERDES6G
The SERDES6G is a high-speed SerDes interface that operates at 100 Mbps (100BASE-FX), 1 Gbps
(SGMII/SerDes), 2.5 Gbps (SGMII), and 5 Gbps (QSGMII). The 100BASE-FX mode is supported by
oversampling.
The following table lists the registers associated with SERDES6G.
For increased performance in specific application environments, SERDES6G supports the following:
•
Baud rate support, configurable from 1 Gbps to 2.5 G, for quarter and half rate modes
•
Programmable loop bandwidth and phase regulation for the deserializer
•
Configurable input buffer feature such as signal detect/loss of signal (LOS) options
•
Configurable output buffer features such as programmable de-emphasis, amplitude drive levels and
slew rate control
•
Synchronous Ethernet support
•
Loopbacks for system test
Table 16 •
SERDES6G Registers
Registers
Description
Replication
SERDES6G_COMMON_CFG
Common configuration
Per SerDes
SERDES6G_DES_CFG
Deserializer configuration
Per SerDes
SERDES6G_IB_CFG
Input buffer configuration
Per SerDes
SERDES6G_IB_CFG1
Input buffer configuration
Per SerDes
SERDES6G_SER_CFG
Serializer configuration
Per SerDes
SERDES6G_OB_CFG
Output buffer configuration
Per SerDes
SERDES6G_OB_CFG1
Output buffer configuration
Per SerDes
SERDES6G_PLL_CFG
PLL configuration
Per SerDes
SERDES6G_MISC_CFG
Miscellaneous configuration
Per SerDes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com